Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1203-Q Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1203-Q
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1203-Q Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1203-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1203-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1203-Q Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1203
■
Typical Characterisitics
IC=10IB1= --10IB2=2A
For PNP, the polarity is reversed.
VR
RB
VCC=25V
VBE= --5V
+
+
50
INPUT
RL
OUTPUT
100 F
470 F
PW=20 s
IB1
D.C. 1%
IB2
Switching Time Test Circuit
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
--5
--4
--3
--2
--1
2SB1203
From top
--100mA
--90mA
--80mA
--70mA
--60mA
0
0
.
2
--
0
--1.6
--0.4
--0.8
--1.2
--10mA
--50mA
--20mA
--30mA
--40mA
IB=0
--5
--4
--3
--2
--1
2SB1203
0
0
1
--
0
--8
--2
--4
--6
--10mA
--15mA
--20mA
--25mA
--30mA
--5mA
IB=0
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
Ta=75°C
--25°C
25°C
100
1000
5
7
3
2
10
5
7
3
2
--1.0
--0.1
3
2
5
3
7
5
2
5 7
--10
3
2
5 7
7--0.01
2SB1203
VCE= --2V
2SB1203
VCE= --2V
--6
--5
--4
--3
--1
--2
0
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com