Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1204-R Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1204-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1204-R Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1204-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1204-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1204-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
PNP Transistors
2SB1204
■
Typical Characterisitics
--0.1
--1.0
3
2
5
7
3
2
5
7
--10
3
2
5
7
2SB1204
VCE= --5V
fT -- IC
100
3
2
7
5
3
2
5
10
Collector Current, I C
Cob
-- VCB
3
2
7
5
3
2
5
100
10
3
7
2
0
1
-
-
0
.
1
-
-
5
3
7
2
5
7
5
--100
2SB1204
f=1MHz
Collector-to-Base Voltage, VCB -- V
V BE (sat) -- I C
--1.0
--10
5
7
3
5
7
2
3
2
Ta= --25°C
25°C
2SB1204
IC / IB=20
75°C
Ta=75
°
C
--25
°
C
--0.1
--0.01 2
3
5
7
5
3
2
7
5 7
--1.0 2
3
5 7 --10
--1000
5
3
2
7
5
3
2
7
--100
--10
V CE (sat) -- I C
--0.1
--0.01 2
3
5
7
5
3
2
7
5 7
--1.0 2
3
5 7
25
°C
2SB1204
IC / IB=20
Collector Current, IC – A
Collector Current, IC – A
0
24
20
16
12
8
4
1
20
0
6
0
40
80
100
140
120
160
P C -- Ta
No heat sink
2SB1204
10ms
1.0
10
5
7
2
2
3
5
7
2
3
5
7
2
3
0.1
0.01
10
1.0
0.1
2
5
3
7
2
5
3
7
2
5
3
7 100
DC
operation
Ta=25
°C
Tc=25°C
Single pulse
(For PNP, minus sign is omitted.)
ICP=12A
1ms
IC=8A
2SB1204
A S O
Collector-to-Emitter Voltage, VCE – V
Ambient Temperature, Ta – ˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com