Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1215-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1215-R
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1215-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1215-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1215-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1215-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SB1215-R Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1215
Switching Time Test Circuit
IC=10IB1= --10IB2=1.5A
For PNP, the polarity is reversed.
VR
RB
VCC=50V
VBE= --5V
+
+
50
INPUT
OUTPUT
100 F
470 F
PW=20 s
IB1
D.C. 1%
IB2
■
Typical Characterisitics
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
--2.0
--1.6
--1.2
--0.8
--0.4
0
4
--
2
--
1
--
0
5
--
3
--
2SB1215
IB=0
--2mA
--6mA
--12mA
--18mA
--20mA
--10mA
--8mA
--4mA
--14mA
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
4
--
0
2
--
0
1
--
0
0
5
--
0
3
--
2SB1215
IB=0
--0.5mA
--1.5mA
--4.0mA
--3.5mA
--3.0mA
--2.5mA
--2.0mA
--1.0mA
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
100
--0.01
1000
5
3
2
5
10
3
2
5
5
--0.1
2 3
5
2 3
5
--1.0
2 3
5
--10
2SB1215
VCE= --5V
Ta=75°C
25°C
--25°C
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
2SB1215
VCE= --5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com