Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1302-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1302-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1302-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1302-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1302-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1302-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1302
ti
u
c
ri
C
t
s
e
T
e
m
i
T
g
n
i
h
c
ti
w
S
VR
RB
VCC= --10V
VBE=5V
+
+
50Ω
INPUT
OUTPUT
RL
100μF
470μF
PW=20μs
IB1
D.C.≤1%
IB2
IC=10IB1= --10IB2= --2A
■
Typical Characterisitics
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
0
--4
--5
--3
--2
--1
--6
VCE= --2V
VCE= --2V
4
.
0
--
0
8
.
0
--
2
.
0
--
0
.
1
--
6
.
0
--
0
--1
--2
--3
--4
--5
IB=0mA
--40mA
--30mA
--20mA
--10mA
--0.1
--0.01
3
2 3
5
--1.0
--10
5 7
7
7
2
5
3
2
7
100
1000
5
3
2
5
3
2
7
7
Ta=75°C
25°C
--25°C
--50mA
2
--
0
4
--
1
--
5
--
3
--
0
--1
--2
--3
--4
--5
IB=0mA
--40mA
--30mA
--25mA
--15mA
--35mA
--20mA
--10mA
--5mA
From top
--
100mA
--
90mA
--
80mA
--70mA
--60mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com