Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF100505-R12 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # TF100505-R12
Description  SMD MULTILAYER CERAMIC CHIP INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TF100505-R12 Datasheet(HTML) 2 Page - Frontier Electronics.

  TF100505-R12 Datasheet HTML 1Page - Frontier Electronics. TF100505-R12 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TF100505 (0402) Series
SMD MULTILAYER CERAMIC CHIP INDUCTORS
Rev. A
C. Part Number Key:
D. General Information:
1. P/N: “TF100505-xxx_, “TF100505” = Type, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M: ± 20%, K: ± 10%, J: ± 5%, H: ±3%, G: ± 2%, S: ±0.3nH, C: ± 0.2nH, D: ± 0.1nH.
3. The product’s materials: Ceramic.
4. Excellent solder ability and high heat resistance for either flow or reflow soldering.
5. Monolithic structures for highly reliable surface mount applications.
6. Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
7. The completely monolithic structure gives high reliability and allows high SRF.
8. Both flow and IR re-flow application are possible.
9. Operating temperature: -40
°C to +125ºC
10. Maximum Temperature Rise: 15°C (when measured at 25°C ambient).
11. Unspecified values available on request.
12. Inductance and Current range: From 1.0nH (300mA) to 270.0nH (110mA)
13. SRF: From 450 MHz to 10,000 MHz
14. MSL: Level 1.
E. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
TF
10
05
05
-XXX
__
TOLERANCE
INDUCTANCE
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: TF
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com