Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7910 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7910
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7910_15 Datasheet HTML 16Page - Analog Devices AD7910_15 Datasheet HTML 17Page - Analog Devices AD7910_15 Datasheet HTML 18Page - Analog Devices AD7910_15 Datasheet HTML 19Page - Analog Devices AD7910_15 Datasheet HTML 20Page - Analog Devices AD7910_15 Datasheet HTML 21Page - Analog Devices AD7910_15 Datasheet HTML 22Page - Analog Devices AD7910_15 Datasheet HTML 23Page - Analog Devices AD7910_15 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD7910/AD7920
Rev. C | Page 21 of 24
For example, the ADSP-2111 has a master clock frequency of
16 MHz. If the SCLKDIV register is loaded with the value 3, an
SCLK of 2 MHz is obtained and eight master clock periods
elapse for every one SCLK period. If the timer registers are
loaded with the value 803, 100.5 SCLKs occur between
interrupts and subsequently between transmit instructions. This
situation results in nonequidistant sampling as the transmit
instruction is occurring on an SCLK edge. If the number of
SCLKs between interrupts is a whole integer figure of N,
equidistant sampling is implemented by the DSP.
AD7910/AD7920 TO DSP563xx INTERFACE
The diagram in Figure 27 shows how the AD7910/AD7920 can
be connected to the synchronous serial interface (SSI)
(synchronous serial interface) of the DSP563xx family of DSPs
from Motorola. The SSI is operated in synchronous and normal
mode (SYN = 1 and MOD = 0 in Control Register B, CRB) with
internally generated word frame sync for both Tx and Rx (Bit
FSL1 = 0 and Bit FSL0 = 0 in the CRB). Set the word length in
the Control Register A (CRA) to 16 by setting Bits WL2 = 0,
WL1 = 1, and WL0 = 0 for the AD7920. This DSP does not
offer the option for a 14-bit word length, so the AD7910 word
length is set to 16 bits like the AD7920. For the AD7910, the
conversion process uses 16 SCLK cycles, with the last two clock
periods clocking out two trailing zeros to fill the 16-bit word.
To implement the power-down mode on the AD7910/AD7920,
the word length can be changed to eight bits by setting Bits
WL2 = 0, WL1 = 0, and WL0 = 0 in CRA. The FSP bit in the
CRB register can be set to 1, which means the frame goes low
and a conversion starts. Likewise, by means of Bits SCD2,
SCKD, and SHFD in the CRB register, it is established that Pin
SC2 (the frame sync signal) and SCK in the serial port is
configured as outputs and the MSB is shifted first.
To summarize:
MOD = 0
SYN = 1
WL2, WL1, WL0 Depend on the Word Length
FSL1 = 0, FSL0 = 0
FSP = 1, Negative Frame Sync
SCD2 = 1
SCKD = 1
SHFD = 0
It should be noted that for signal processing applications, it is
imperative that the frame synchronization signal from the
DSP563xx provides equidistant sampling.
AD7910/AD7920*
SDATA
SCLK
CS
DSP563xx*
SCK
SRD
SC2
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 27. Interfacing to the DSP563xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com