Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMA-3-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # GMA-3-R
Description  5 x 20mm Fast-acting Glass Tube Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMA-3-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  GMA-3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. GMA-3-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Fast-acting, low breaking capacity
• Optional axial leads available
• 5 x 20mm physical size
• Glass tube, silver-plated (63mA-315mA) and nickel-
plated (500mA-15A) brass endcap construction
• Designed to UL/CSA 248-14
• Ratings above 6.3A have a 0.8mm diameter lead
• With TR2 packaging code, lead wire length is 19.05mm
Agency Information
• UL Listed, Guide JDYX, File E19180, 63mA-6A
• UL Recognized, Guide JDYX2, File E19180, 7-15A
• CSA Certified, Class 1422-01, File 53787, 63mA-6A
• PSE Approval, 1A-15A
Ordering
• Specify packaging, product, and option code
Dimensions - mm
*
Interrupting ratings: Interrupting ratings for 63mA - 6A were measured at 70% - 80% power factor on AC. The interrupting ratings for 7A - 15A were measured at 100% power factor on AC.
** DC Cold Resistance (Measured at <10% of rated current)
† Typical Pre-Arching I2t (I2t was measured at listed interrupting rating and rated voltage)
‡ Maximum Voltage drop (Voltage drop was measured at 20°C ambient temperature at rated current)
Electrical Characteristics
Rated Current
% of Amp Rating
Opening Time
100%
None
63mA - 15A
135%
60 minutes maximum
200%
2 minutes maximum
Specifications
Voltage
Interrupting
Typical DC Cold
Typical
Maximum
Product Code
Amp
Rating
Rating (amps)*
Resistance
Pre-Arc I2t
Voltage
Rating
Vac
250Vac
125Vac
(
Ω
Ω)**
Vac†
Drop (mV)‡
GMA-63-R
63mA
250
35
10,000
15.750
0.00024
4700
GMA-100-R
100mA
250
35
10,000
7.840
0.0001
4300
GMA-125-R
125mA
250
35
10,000
4.895
0.0024
2600
GMA-200-R
200mA
250
35
10,000
2.500
0.001
3400
GMA-250-R
250mA
250
35
10,000
1.735
0.018
2200
GMA-300-R
300mA
250
35
10,000
0.906
0.019
470
GMA-315-R
315mA
250
35
10,000
0.839
0.019
450
GMA-500-R
500mA
250
35
10,000
0.454
0.15
230
GMA-600-R
600mA
250
35
10,000
0.256
0.32
200
GMA-750-R
750mA
250
35
10,000
0.186
0.47
200
GMA-800-R
800mA
250
35
10,000
0.170
0.70
180
GMA-1-R
1
250
35
10,000
0.163
0.48
300
GMA-1.25-R
1.25
250
100
10,000
0.122
0.84
290
GMA-1.5-R
1.5
250
100
10,000
0.090
1.6
270
GMA-1.6-R
1.6
250
100
10,000
0.080
2.0
260
GMA-2-R
2
250
100
10,000
0.066
3.1
250
GMA-2.5-R
2.5
250
100
10,000
0.046
4.9
240
GMA-3-R
3
250
100
10,000
0.039
8.8
215
GMA-3.15-R
3.15
125
-
10,000
0.036
9.7
210
GMA-3.5-R
3.5
125
-
10,000
0.030
13
210
GMA-4-R
4
125
-
10,000
0.026
19
205
GMA-5-R
5
125
-
10,000
0.021
29
200
GMA-6-R
6
125
-
10,000
0.017
45
180
GMA-7-R
7
125
-
200
0.012
150
110
GMA-8-R
8
125
-
200
0.009
280
110
GMA-10-R
10
125
-
200
0.006
280
110
GMA-15-R
15
125
-
150
0.004
950
100
5 x 20mm Fast-acting Glass Tube Fuses
GMA Series
(
±
5.2mm
(+0.1/-0.2)
38.10mm
10
(
±±.38)
.3
5.54mm
(
±.20)
21.10mm
0
0m
(
±.81)
8
81
0.65mm
(REF)
(
±
38.10mm
0m
0m
(
± 38)
.3
.3
0410
BU-SB091174
Page 1 of 2
Data Sheet 2017


Similar Part No. - GMA-3-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-3-R COOPER-GMA-3-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses GMA Series
GMA-3-R COOPER-GMA-3-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
GMA-3-R EATON-GMA-3-R Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
More results

Similar Description - GMA-3-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses GMA Series
GMA-63-R COOPER-GMA-63-R Datasheet
299Kb / 2P
5 x 20mm Fast-acting Glass Tube Fuses
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
5 x 20mm, Fast-Acting, Ceramic Tube Fuses
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
5 x 15mm Fast-Acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S500 EATON-S500 Datasheet
252Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
C518 EATON-C518 Datasheet
310Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com