Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCS200
Description  Secure Shell (SSH) access provides strong authentication and secure communications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCS200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCS200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCS200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Accessibility
In-Band (Ethernet)
Out-of-Band (local terminal or modem)
Security and Authentication
Secure Shell (SSH)
Individual Username/Passwords
PAP/CHAP (PPP)
Modem Dial-back
Kerberos Authorization
SecurID Authentication
RADIUS Authentication
Routing Firewall
Local Database
Group, User, and Nested Menus
Network Address Translation/Port Mapping
Rules-Based IP Packet Filtering
Console (Port) Access
Telnet/SSH to console server command line
Telnet/SSH to IP address and port number
Separate IP address per port
Multiple concurrent Telnet/SSH sessions
Simultaneous access on the same port (listen mode)
No inadvertent "breaks" – Sun break-safe
ISP dial out on hangup
Data Capture and Notification
250K event buffer per port
Port logging to local file and syslog
Console event notification (email)
Management
Command line interface (Telnet,SSH,or direct serial)
EZWebCon™ Management Software
Web-based configuration (HTTP)
SNMP Compatible
Firmware upgradeable via FTP,TFTP, or EZWebCon™
Syslog
Additional Protocols Supported
IP,TCP/IP, UDP/IP, ARP, RARP, ICMP, SNMP, BOOTP, DNS,WINS,
RIP, Static Routing, PPP,TFTP, FTP,Telnet, rlogin, HTTP, SLIP,
NAT, DHCP, and Pocket PC PPP
Hardware
Interfaces
Network: Ethernet 10/100 RJ45
Serial speed: 300bps to 230Kbps
SCS100: 1 RS-232 connector (DB25 male, DTE)
SCS200: 1 RS-232, RS-422/485 connector (DB25 male, DTE), 1 RS-232 (DB9 male, DTE) connector
SCS400: 4 RS-232 connectors (DB9 male, DTE)
PCMCIA (SCS200 and SCS400 only): Type I/II PC Card, supporting wireless, modems, and storage cards.
Modem Control: RTS, CTS, DSR, DCD (DB25 connectors only), DTR
Flow Control: XON/XOFF, hardware, or none
CPU/Memory
32-bit processor, 2MB flash, 4MB RAM
Power Requirements
SCS100: 5 VDC @ 0.7A max, AC adapter included
SCS200: 7-24 VDC @ 0.8A max, AC adapter included
SCS400: 9-30 VDC, 1.84A @ 12VDC, AC adapter included (see ordering information below)
Environmental
Operating: 5 to 50°C (41 to 122°F)
Storage: -40 to 66°C (-40 to 151°F)
Physical
Dimensions (LxWxH)
SCS100: 3.5 x 2.5 x 0.9 in (9.0 x 6.4 x 2.3 cm)
SCS200: 7.0 x 5.75 x 1.0 in (17.8 x 14.6 x 2.5 cm)
SCS400: 5.5 x 9.3 x 1.3 in (13.9 x 23.6 x 3.3 cm)
Weight
SCS100: 0.8 lbs (0.35 kg)
SCS200: 1.3 lbs (0.58 kg)
SCS400: 1.13 lb. (0.51 kg)
Shipping Dimensions (LxWxH) and Weight
SCS100: 7.5 x 9.5 x 4.5 in (19.1 x 24.2 x 11.5 cm), 3.0 lbs (1.5 kg)
SCS200: 6.75 x 13.25 x 2.75 in (17.1 x 33.7 x 7.0 cm), 3.6 lbs (1.63kg)
SCS400: 8.25 x 11.0 x 5.5 in (20.9 x 27.9 x 13.9 cm), 3.6 lbs (1.63kg)
Agency Approvals
FCC (A), C/UL, TUV, GS, CE (B)
SCS400 only: CB, C-Tick, VCCI
Warranty
1-year limited warranty
Ordering Information
Part #:
Description
SCS100-22
Secure Console Server, 1 port, 100-240 VAC, 50/60 Hz international adapter, RoHS
SCS200
Secure Console Server, 2 ports, 100-240 VAC adapter
SCS400-11
Secure Console Server, 4 ports, 100-240 VAC, 50/60 Hz adapter, US power cord
SCS400-12
Secure Console Server, 4 ports 100-240 VAC, 50/60 Hz, International
power cords (UK, Euro, and US)
Optional Cables/Adapters:
200.2066A
RJ45 to DB25M cable adapter
200.2067A
RJ45 to DB25F cable adapter
200.2069A
RJ45 to DB9M cable adapter
200.2070A
RJ45 to DB9F cable adapter
ADP010104-01 RJ45 plug to RJ45 socket (rolled cable) adapter, 10.2 m (0.67 ft)
200.0062
Cable; RJ45, 2 m (6.6 ft)
200.0063
Cable; RJ45, 5 m (16.4 ft)
200.0064
Cable; RJ45, 10 m (32.8 ft)
200.0065
Cable; RJ45, 15 m (49.2 ft)
15353 Barranca Parkway
|
Irvine
|
CA 92618
|
USA
|
Tel: 800.422.7055
|
Fax: 949.450.7232
|
www.lantronix.com
© 2006 Lantronix, Inc. Lantronix and EZWebCon are a registered trademarks and Secure Console Server is a trademark of Lantronix, Inc. All other trademarks are the property of their respective owners.
Specifications subject to change without notice. All rights reserved.
910-419
07/06
DGS2500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com