Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWHW2-14G-SMD-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AWHW2-14G-SMD-R
Description  IDC Box Header, SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWHW2-14G-SMD-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AWHW2-14G-SMD-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20.3MM±0.2MM
12.0MM±0.240MM
1.02
1.02
12.0MM±0.248MM
2.00
0.50
21.3MM±0.2MM
Recommended P.C.B. Layout
(Dim.A) 7.60
Unit: MM±0.25MM
Material:
• Current Rating: 1 Amp
• Dielectric Withstanding: 500V AC
• Operating Temperature: -40°C ~ +85°C
• Max Processing Temperature: 230°C for 60 Seconds
• Max Processing Temperature: 260°C for 10 Seconds
• Contact Material: Copper Alloy
• Insulator Material: Polyester, UL 94V-0
Standard: PA6T
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
10.28.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AWHW2-14G-SMD-R
IDC Box Header, SMD -
2.0MM Pitch, 14 Contacts
Complaint
RoHS
rev00


Similar Part No. - AWHW2-14G-SMD-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWHW2-14A-0102-T-R ASSMANN-AWHW2-14A-0102-T-R Datasheet
66Kb / 1P
IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-14A-0202 ASSMANN-AWHW2-14A-0202 Datasheet
97Kb / 1P
ASS 2318 CO
More results

Similar Description - AWHW2-14G-SMD-R

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A17 DBLECTRO-A17 Datasheet
282Kb / 1P
BOX HEADER IDC TYPE
logo
Dubilier
DBCIDCC310AG1 DUBILIER-DBCIDCC310AG1 Datasheet
86Kb / 1P
IDC IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1 Datasheet
87Kb / 1P
IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1 Datasheet
93Kb / 1P
IDC BOX HEADER STRAIGHT
DBCIDCBOX DUBILIER-DBCIDCBOX Datasheet
312Kb / 3P
IDC IDC BOX HEADER STRAIGHT
DBCIDCC710BS1 DUBILIER-DBCIDCC710BS1_11 Datasheet
452Kb / 5P
IDC BOX HEADER STRAIGHT
DBCIDCC510AG1 DUBILIER-DBCIDCC510AG1_11 Datasheet
317Kb / 3P
IDC BOX HEADER STRAIGHT
logo
Assmann Electronics Inc...
AWHW2-16G-SMD-R ASSMANN-AWHW2-16G-SMD-R Datasheet
79Kb / 1P
IDC Box Header, SMD
AWHW2-34G-SMD-R ASSMANN-AWHW2-34G-SMD-R Datasheet
78Kb / 1P
IDC Box Header, SMD
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
IDC BOX HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com