Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT138E Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT138E
Description  3-to-8-Line Decoders/Demultiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT138E Datasheet(HTML) 6 Page - Texas Instruments

  CD74ACT138E Datasheet HTML 1Page - Texas Instruments CD74ACT138E Datasheet HTML 2Page - Texas Instruments CD74ACT138E Datasheet HTML 3Page - Texas Instruments CD74ACT138E Datasheet HTML 4Page - Texas Instruments CD74ACT138E Datasheet HTML 5Page - Texas Instruments CD74ACT138E Datasheet HTML 6Page - Texas Instruments CD74ACT138E Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Propagation Delay,
E3 to Output
(CD74AC/ACT238)
tPLH, tPHL
5
3.5
-
12.4
3.4
-
13.6
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 13)
-
-
110
-
-
110
-
pF
NOTES:
10. Limits tested at 100%.
11. 3.3V Min at 3.6V, Max at 3V.
12. 5V Min at 5.5V, Max at 4.5V.
13. CPD is used to determine the dynamic power consumption per package.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
FIGURE 1. PROPAGATION DELAY TIMES
FIGURE 2. PROPAGATION DELAY TIMES
tr = 3ns
tf = 3ns
90%
VS
10%
GND
INPUT
138 OUTPUT
tPHL
tPLH
238 OUTPUT
tPLH
tPHL
VS
VS
E1, E2
tr = 3ns
tf = 3ns
90%
VS
GND
INPUT
138 OUTPUT
tPHL
tPLH
238 OUTPUT
tPLH
tPHL
VS
VS
E3
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
FIGURE 3. PROPAGATION DELAY TIMES
AC
ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD54/74AC138, CD54/74ACT138, CD74AC238, CD74ACT238



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com