Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1424-Q Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1424-Q
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1424-Q Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1424-Q Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1424-Q Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1424
■
Typical Characterisitics
-0
-1
-2
-3
-4
-5
-6
-0
-100
-200
-300
-400
-500
0
25
50
75
100
125
150
0
100
200
300
400
500
600
-10
-100
10
100
-1
-10
-100
-1000
-100
-1000
-1
-10
-100
-1000
10
100
1000
-0.1
-1
-10
1
10
100
1000
-1
-10
-100
-1000
-10
-100
-1000
-0.0
-0.3
-0.6
-0.9
-1.2
-1
-10
-100
-1000
COMMON
EMITTER
T
a=25
℃
-1.5mA
-1.35mA
-1.2mA
-1.05mA
-0.9mA
-0.75mA
-0.6mA
-0.45mA
-0.3mA
I
B=-0.15mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
C
——
AMBIENT TEMPERATURE T
a
( )
℃
P
C
—— T
a
COMMON EMITTER
V
CE= -2V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
200
-7
-3000
f
T
——
β=20
I
C
V
BEsat
——
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(mA)
-2000
COMMON EMITTER
V
CE=-2V
-3000
I
C
I
C
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/VEB
C
ob/Cib
——
REVERSE VOLTAGE V (V)
C
ib
C
ob
-20
-3000
h
FE
——
β=20
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
V
CE
COMMON EMITTER
V
CE=-2V
BASE-EMMITER VOLTAGE V
BE (V)
-3000
I
C
——
V
BE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com