Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1571-X Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1571-X
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1571-X Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1571-X Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1571-X Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1571-X Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1571
■
Typical Characterisitics
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
120
90
0
5
1
0
3
60
100
80
40
60
20
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
0.2
0.4
0.6
0.8
1.0
5
4
3
2
1
IB = 10 mA
20 mA
30 mA
40 mA
VCE - Collector to Emitter Voltage - V
DC CURRENT GAIN vs. COLLECTOR CURRENT
0.1
0.02
0.05
0.01
0.2
0.5
10
1
2
5
1000
100
200
500
10
20
50
IC - Collector Current - A
VCE = 1 V
TA = 125˚C
75˚C
25˚C
0˚C
25˚C
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
400
200
600
800
1000
10
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
0.005
0.002
0.001
VBE - Base to Emitter Voltage - mV
VCE = V
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
1000
500
200
100
50
20
10
1
2
5
IC = 20 IB
.
IC - Collector Current - A
0.1
0.02
0.05
0.01
0.2
0.5
10
1
2
5
TA = 125˚C
75˚C
25˚C
0˚C
25˚C
FORWARD BIAS SAFE OPERATING AREA
5
2
1
10
100
20
50
10
2
5
1
0.05
0.02
0.01
0.5
0.2
0.1
VCE - Collector to Emitter Voltage - V
TA = 25˚C
Single Pulse
PW
= 1
ms
10
ms
100
ms
DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com