Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1253 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1253
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1253 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1253_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1253_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1253
■
Typical Characterisitics
PC
I
a
T
—
C — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IC
R
)
O
S
A
(
n
o
it
a
r
e
p
o
e
f
a
s
f
o
a
e
r
A
th(t) — t
0
6
1
0
40
120
80
140
20
100
60
0
50
40
30
20
10
(1) TC=Ta
(2) With a 50 × 50 × 2mm
Al heat sink
(3) Without heat sink
(PC=1.3W)
(1)
(2)
(3)
Ambient temperature Ta (˚C)
0
2
0
16
4
12
8
0
6
5
4
3
2
1
IB=150mA
TC=25˚C
100mA
80mA
60mA
40mA
30mA
20mA
10mA
5mA
Collector to emitter voltage VCE (V)
4
.
2
0
2.0
1.6
0.4
1.2
0.8
0
8
6
2
5
7
4
1
3
VCE=4V
TC=100˚C
25˚C
–25˚C
Base to emitter voltage VBE (V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=10
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
VCE=4V
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
1
3
10
30
100
300
1000
3000
10000
VCE=10V
f=1MHz
TC=25˚C
Collector current IC (A)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
TC=25˚C
ICP
IC
t=10ms
300ms
1ms
Collector to emitter voltage VCE (V)
10–4
10
10–3
10–1
10–2
0
1
1
3
102
104
10–2
10–1
1
10
103
102
(1) Without heat sink
(2) With a 50 × 50 × 2mm Al heat sink
(1)
(2)
Time t (s)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com