Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802A Datasheet(PDF) 7 Page - Intersil Corporation

Part # CDP1802A
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802A Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CDP1802A Datasheet HTML 3Page - Intersil Corporation CDP1802A Datasheet HTML 4Page - Intersil Corporation CDP1802A Datasheet HTML 5Page - Intersil Corporation CDP1802A Datasheet HTML 6Page - Intersil Corporation CDP1802A Datasheet HTML 7Page - Intersil Corporation CDP1802A Datasheet HTML 8Page - Intersil Corporation CDP1802A Datasheet HTML 9Page - Intersil Corporation CDP1802A Datasheet HTML 10Page - Intersil Corporation CDP1802A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
3-9
Clock to State Code
tPLH, tPHL
5
5
300
450
250
400
ns
5
10
250
350
-
-
ns
10
10
150
250
-
-
ns
Clock to Q
tPLH, tPHL
5
5
250
400
200
300
ns
5
10
150
250
-
-
ns
10
10
100
150
-
-
ns
Clock to N (0 - 2)
tPLH, tPHL
5
5
300
550
275
350
ns
5
10
200
350
-
-
ns
10
10
150
250
-
-
ns
MINIMUM SET UP AND HOLD TIMES
Data Bus Input Set Up
tSU
5
5
-20
25
-20
0
ns
5
10
0
50
-
-
ns
10
10
-10
40
-
-
ns
Data Bus Input Hold
tH
(Note 2)
5
5
150
200
125
150
ns
5
10
100
125
-
-
ns
10
10
75
100
-
-
ns
DMA Set Up
tSU
5
5
0
30
0
30
ns
5
10
0
20
-
-
ns
10
10
0
10
-
-
ns
DMA Hold
tH
(Note 2)
5
5
150
250
100
150
ns
5
10
100
200
-
-
ns
10
10
75
125
-
-
ns
Interrupt Set Up
tSU
5
5
-75
0
-75
0
ns
5
10
-50
0
-
-
ns
10
10
-25
0
-
-
ns
Interrupt Hold
tH
(Note 2)
5
5
100
150
75
125
ns
5
10
75
100
-
-
ns
10
10
50
75
-
-
ns
WAIT Set Up
tSU
5
5
10
50
20
40
ns
5
10
-10
15
-
-
ns
10
10
0
25
-
-
ns
Dynamic Electrical Specifications TA = -40oC to +85oC, CL = 50pF, VDD ±5%, Except as Noted (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
CDP1802A,
CDP1802AC
CDP1802BC
UNITS
VCC (V) VDD (V)
(NOTE 1)
TYP
MAX
(NOTE 1)
TYP
MAX
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com