Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1257A-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1257A-R
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1257A-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1257A-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1257A-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1257A-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SD1257A
■
Features
●
Satisfactory linearity of foward current transfer ratio hFE
●
Low collector to emitter saturation voltage VCE(sat)
●
Large collector current IC
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
150
Collector - Emitter Voltage
VCEO
100
Emitter - Base Voltage
VEBO
7
Collector Current - Continuous
IC
7
Collector Current - Pulse
ICP
15
Collector Power Dissipation
Tc = 25℃
40
Ta = 25℃
1.3
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
A
PC
W
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
150
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
100
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
7
Collector-base cut-off current
ICBO
VCB= 120 V , IE= 0
10
Emitter cut-off current
IEBO
VEB= 5V , IC=0
50
Collector-emitter saturation voltage
VCE(sat) IC=5 A, IB=250mA
0.5
Base - emitter saturation voltage
VBE(sat) IC=5 A, IB=250mA
1.5
hFE(1)
VCE= 2V, IC= 100mA
45
hFE(2)
VCE= 2V, IC= 3 A
60
260
Turn-on time
ton
0.5
Storage time
tstg
1.5
Fall time
tf
0.1
Transition frequency
fT
VCE= 10V, IC= 500mA,f=10MHz
30
MHz
IC = 3A, IB1 = 300mA, IB2 = –
300mA,
VCC = 50V
us
DC current gain
V
V
uA
■
Classification of hfe(2)
Type
2SD1257A -R
2SD1257A-Q
2SD1257A -P
Range
60-120
90-180
130-260


Similar Part No. - 2SD1257A-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1257A PANASONIC-2SD1257A Datasheet
62Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
logo
Guangdong Kexin Industr...
2SD1257A KEXIN-2SD1257A Datasheet
41Kb / 2P
Silicon NPN Epitaxial Planar Type
More results

Similar Description - 2SD1257A-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com