Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1280-S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1280-S
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1280-S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1280-S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1280-S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1280-S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1280
■
Typical Characterisitics
PC
I
a
T
—
C — VCE
IC — VCE(sat)
IC — IB
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
6
1
0
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
.
2
0
1.6
0.4
1.2
0.8
0
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25˚C
IB=5.0mA
4.5mA
4.0mA
3.5mA
3.0mA
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
Collector to emitter voltage VCE (V)
5
.
0
0
0.4
0.1
0.3
0.2
0
1.2
1.0
0.8
0.6
0.4
0.2
Ta=25˚C
IC/IB=10
20
Collector to emitter saturation voltage VCE(sat) (V)
2
1
0
10
8
2
6
4
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE=2V
Ta=25˚C
Base current IB (mA)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=20
25˚C
–25˚C
Ta=75˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current IC (A)
0.01
0.1
1
10
0.03
0.3
3
0
600
500
400
300
200
100
Ta=75˚C
25˚C
–25˚C
VCE=2V
Collector current IC (A)
–1
–3
–10
–30
–100
0
200
150
50
125
175
100
25
75
VCB=6V
Ta=25˚C
Emitter current IE (mA)
1
3
10
30
100
0
50
40
30
20
10
IE=0
f=1MHz
Ta=25˚C
Collector to base voltage VCB (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com