Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1803-S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1803-S
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1803-S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1803-S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1803-S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1803-S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SD1803
TEST CIRCUIT
INPUT
OUTPUT
PW=20μS
Duty Cycle≦1%
IB1
IB2
25V
50
-5V
100μ
+
470μ
+
VR
RB
RL
Ic=10IB1=-10IB2=2A
(Unit : (resistance : Ω, capacitance : F))
■
Typical Characterisitics
0
0
.
2
4
.
0
0
1.6
1.2
0.8
1
2
3
4
5
0
0
1
2
0
8
6
4
1
2
3
4
5
Collector to Emitter Voltage, VCE (V)
Ic -VCE
IB=0
10mA
20mA
30mA
40mA
50mA
5mA
45mA
Ic -VCE
Collector to Emitter Voltage, VCE (V)
30mA
25mA
20mA
15mA
10mA
5mA
IB=0
0
0
0.2
0.8
0.6
0.4
1
2
3
4
Base to Emitter Voltage, VBE (V)
Ic -VBE
6
5
1.0
1.2
7
5
3
2
100
hFE -I c
Collector Current, IC (A)
0.1
0.01
7
5
3
2
1.0
10
2
2
3
5
7
1000
VCE=2V
35mA
25mA
15mA
Ta=75
Ta=25
VCE=2V
Ta=75
7
5
3
10
2
Ta=-25
Ta=25
3
5
7
7
5
Ta=-25
C
C
C
C
C
C
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com