Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1806AC Datasheet(PDF) 13 Page - Intersil Corporation

Part # CDP1806AC
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1806AC Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CDP1806AC Datasheet HTML 9Page - Intersil Corporation CDP1806AC Datasheet HTML 10Page - Intersil Corporation CDP1806AC Datasheet HTML 11Page - Intersil Corporation CDP1806AC Datasheet HTML 12Page - Intersil Corporation CDP1806AC Datasheet HTML 13Page - Intersil Corporation CDP1806AC Datasheet HTML 14Page - Intersil Corporation CDP1806AC Datasheet HTML 15Page - Intersil Corporation CDP1806AC Datasheet HTML 16Page - Intersil Corporation CDP1806AC Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
The Counter/Timer has the following five programmable
modes:
1. Event Counter 1: Input to counter is connected to the EF1
terminal. The high-to-low transition decrements the
counter.
2. Event Counter 2: Input to counter is connected to the EF2
terminal. The high-to-low transition decrements the
counter.
3. Timer: Input to counter is from the divide by 32 prescaler
clocked by TPA. The prescaler is decremented on the
low-to-high transition of TPA. The divide by 32 prescaler
is reset when the counter is in a mode other than the
Timer mode, system RESET, or stopped by a STPC.
4. Pulse Duration Measurement 1: Input to counter con-
nected to TPA. Each low-to-high transition of TPA decre-
ments the counter if the input signal at EF1 terminal (gate
input) is low. On the transition of EF1 to the positive state,
the count is stopped, the mode is cleared, and the inter-
rupt request latched. If the counter underflows while the
input is low, interrupt will also be set, but counting will
continue.
5. Pulse Duration Measurement 2: Operation is identical to
Pulse Duration Measurement 1, except EF2 is used as
the gate input.
The modes can be changed without affecting the stored
count.
Those modes which use EF1 and EF2 terminals as inputs do
not exclude testing these flags for branch instructions.
The Stop Counter (STPC) instruction clears the counter
mode and stops counting. The STPC instruction should be
executed prior to a GEC instruction, if the counter is in the
Event Counter Mode 1 or 2.
In addition to the five programmable modes, the Decrement
Counter instruction (DTC) enables the user to count in soft-
ware. In order to avoid conflict with counting done in the
other modes, the instruction should be used only after the
mode has been cleared by a Stop Counter instruction.
The Enable Toggle Q instruction (ETQ) connects the Q-line
flip-flop to the output of the counter, such that each time the
counter decrements from 01 to its next value, the Q output
changes state. This action is independent of the counter
mode and the Interrupt Enable flip-flops. The Enable Toggle
Q condition is cleared by an LDC with the Counter/Timer
stopped, system Reset, or a BCl with Cl = 1.
NOTE: SEQ and REQ instructions are independent of ETQ, they
can SET or RESET Q while the Counter is running.
On-Board Clock (See Figure 8, Figure 9 and Figure 10)
Clock circuits may use either an external crystal or an RC
network.
A typical crystal oscillator circuit is shown in Figure 8. The
crystal is connected between terminals 1 and 39 (CLOCK
and XTAL) in parallel with a resistance, RF (1m
Ω typ). Fre-
quency trimming capacitors, CIN and COUT, may be required
at terminals 1 and 39. For additional information on crystal
oscillators, see lCAN-6565.
MASTER
INTERRUPT
ENABLE
FF
(MIE)
S
R
Q
RET
RESET
S3
DIS
COUNTER
PULSE MODE EF1
UNDERFLOW
PULSE MODE EF2
BCI
RESET
LDC
• COUNTER
STOPPED
COUNTER
INTERRUPT
LATCH
(CIL)
S
R
Q
COUNTER
INTERRUPT
ENABLE
FF
(CIE)
S
RQ
CIE
RESET
CID
EXTERNAL
INTERRUPT
ENABLE
FF
(XIE)
S
R
Q
XIE
RESET
XID
INTERRUPT
REQUESTS
EXTERNAL INT
XI
MIE
CI
TO BRANCH
LOGIC (BXI)
TO BRANCH
LOGIC (BCI)
FIGURE 6. INTERRUPT LOGIC CONTROL DIAGRAM
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com