Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1821CD3 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1821CD3
Description  High-Reliability CMOS 1024-Word x 1-Bit Static RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1821CD3 Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1821CD3 Datasheet HTML 1Page - Intersil Corporation CDP1821CD3 Datasheet HTML 2Page - Intersil Corporation CDP1821CD3 Datasheet HTML 3Page - Intersil Corporation CDP1821CD3 Datasheet HTML 4Page - Intersil Corporation CDP1821CD3 Datasheet HTML 5Page - Intersil Corporation CDP1821CD3 Datasheet HTML 6Page - Intersil Corporation CDP1821CD3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6-7
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal) . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
75
20
Maximum Operating Temperature Range (TA) . . . .-55
oC to +125oC
Maximum Storage Temperature Range (TSTG) . . .-65
oC to +150oC
Maximum Lead Temperature (During Soldering) . . . . . . . . . +265oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150oC
Recommended Operating Conditions
TA = Full Package-Temperature Range. For maximum reliability, nominal operating con-
ditions should be selected so that operation is always within the following ranges:
PARAMETER
CDP1821CD/3
UNITS
MIN
MAX
DC Operating Voltage Range
4
6.5
V
Input Voltage Range
VSS
VDD
V
Static Electrical Specifications
VDD = 5V ±5%
PARAMETER
SYMBOL
CONDITIONS
-55oC, +25oC
+125oC
UNITS
MIN
MAX
MIN
MAX
Quiescent Device Current (Note 1)
IDD
VIN = 0V or VDD
-
260
-
1000
µA
Output Low Drive (Sink) Current (Note 1)
IOL
VOUT = 0.4V
2.7
-
1.6
-
mA
Output High Drive (Source) Current
(Note 1)
IOH
VOUT = VDD -0.4V
-1.3
-
-0.8
-
mA
Output Voltage Low-Level
VOL
-
-
0.1
-
0.5
V
Output Voltage High-Level
VOH
-VDD-0.1
-
VDD-0.5
-
V
Input Low Voltage
VIL
-
-
0.3 VDD
-
0.3 VDD
V
Input High Voltage
VIH
-
0.7 VDD
-
0.7 VDD
-V
Input Current (Note 1)
IIN
VIN = 0V or VDD
-
2.6
-
10
µA
Three-State Output Leakage Current
(Note 1)
IOUT
VIN = 0V or VDD
-
2.6
-
10
µA
Operating Current (Note 2)
IDD1
-
-
5
-
10
mA
Input Capacitance
CIN
-
-
7.5
-
7.5
pF
Output Capacitance
COUT
-
-
15
-
15
pF
NOTES:
1. Limits designate 100% testing. All other limits are designer’s parameters under given test conditions and do not represent 100% testing
2. Measured with 1
µs read-cycle time and outputs floating.
CDP1821C/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com