Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802ACD Datasheet(PDF) 16 Page - Intersil Corporation

Part # CDP1802ACD
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802ACD Datasheet(HTML) 16 Page - Intersil Corporation

Back Button CDP1802ACD Datasheet HTML 12Page - Intersil Corporation CDP1802ACD Datasheet HTML 13Page - Intersil Corporation CDP1802ACD Datasheet HTML 14Page - Intersil Corporation CDP1802ACD Datasheet HTML 15Page - Intersil Corporation CDP1802ACD Datasheet HTML 16Page - Intersil Corporation CDP1802ACD Datasheet HTML 17Page - Intersil Corporation CDP1802ACD Datasheet HTML 18Page - Intersil Corporation CDP1802ACD Datasheet HTML 19Page - Intersil Corporation CDP1802ACD Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
3-18
FIGURE 17. TYPICAL TRANSITION TIME vs LOAD CAPACI-
TANCE FOR ALL TYPES
FIGURE 18. CDP1802A, AC MINIMUM OUTPUT HIGH (SOURCE)
CURRENT CHARACTERISTICS
FIGURE 19. CDP1802A, AC MINIMUM OUTPUT LOW (SINK)
CURRENT CHARACTERISTICS
FIGURE 20. CDP1802BC MINIMUM OUTPUT HIGH (SOURCE)
CURRENT CHARACTERISTICS
FIGURE 21. CDP1802BC MINIMUM OUTPUT LOW (SINK)
CURRENT CHARACTERISTICS
FIGURE 22. TYPICAL CHANGE IN PROPAGATION DELAY AS A
FUNCTION OF A CHANGE IN LOAD CAPACITANCE
FOR ALL TYPES
Performance Curves (Continued)
400
350
300
250
200
150
100
50
0
0
25
50
75
100
125
150
175
200
CL, LOAD CAPACITANCE (pF)
TA = 25
oC
VCC = VDD = 10V
VCC = VDD = 5V
VCC = VDD = 5V
VCC = VDD = 10V
tTLH
tTHL
VGS, GATE-TO-VOLTAGE = -5V
TA, AMBIENT TEMPERATURE = -40
oC TO +85oC
-10V
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
VGS, GATE-TO-SOURCE = 10V
TA = -40
oC TO +85oC
5V
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
012345678910
5
10
15
20
25
30
35
VGS, GATE-TO-VOLTAGE = -5V
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
-5
-4
-3
-2
-1
0
1
2
3
4
VGS, GATE-TO-SOURCE = 5V
TA = -40
oC TO +85oC
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
012345
5
10
20
150
125
100
75
50
25
0
25
50
100
150
200
∆C
L, ∆ LOAD CAPACITANCE (pF)
TA = 25
oC
VCC = VDD = 10V
VCC = VDD = 5V
VCC = VDD = 5V
VCC = VDD = 10V
∆t
PLH
∆t
PHL
NOTE: ANY OUTPUT EXCEPT XTAL
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com