Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1802ACDX Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP1802ACDX
Description  CMOS 8-Bit Microprocessors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1802ACDX Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CDP1802ACDX Datasheet HTML 2Page - Intersil Corporation CDP1802ACDX Datasheet HTML 3Page - Intersil Corporation CDP1802ACDX Datasheet HTML 4Page - Intersil Corporation CDP1802ACDX Datasheet HTML 5Page - Intersil Corporation CDP1802ACDX Datasheet HTML 6Page - Intersil Corporation CDP1802ACDX Datasheet HTML 7Page - Intersil Corporation CDP1802ACDX Datasheet HTML 8Page - Intersil Corporation CDP1802ACDX Datasheet HTML 9Page - Intersil Corporation CDP1802ACDX Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
3-8
Input Capacitance
CIN
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = +25
oC and nominal V
DD.
2. Idle “00” at M(0000), CL = 50pF.
Dynamic Electrical Specifications TA = -40oC to +85oC, CL = 50pF, VDD ±5%, Except as Noted
PARAMETER
SYMBOL
TEST
CONDITIONS
CDP1802A,
CDP1802AC
CDP1802BC
UNITS
VCC (V) VDD (V)
(NOTE 1)
TYP
MAX
(NOTE 1)
TYP
MAX
PROPAGATION DELAY TIMES
Clock to TPA, TPB
tPLH, tPHL
5
5
200
300
200
300
ns
5
10
150
250
-
-
ns
10
10
100
150
-
-
ns
Clock-to-Memory High-Address Byte
tPLH, tPHL
5
5
600
850
475
525
ns
5
10
400
600
-
-
ns
10
10
300
400
-
-
ns
Clock-to-Memory Low-Address Byte Valid
tPLH, tPHL
5
5
250
350
175
250
ns
5
10
150
250
-
-
ns
10
10
100
150
-
-
ns
Clock to MRD
tPHL
5
5
200
300
175
275
ns
5
10
150
250
-
-
ns
10
10
100
150
-
-
ns
Clock to MRD
tPLH
5
5
200
350
175
275
ns
5
10
150
290
-
-
ns
10
10
100
175
-
-
ns
Clock to MWR
tPLH, tPHL
5
5
200
300
175
225
ns
5
10
150
250
-
-
ns
10
10
100
150
-
-
ns
Clock to (CPU DATA to BUS) Valid
tPLH, tPHL
5
5
300
450
250
375
ns
5
10
250
350
-
-
ns
10
10
100
200
-
-
ns
Static Electrical Specifications at TA = -40oC to +85oC, Except as Noted (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
CDP1802A
CDP1802AC,
CDP1802BC
UNITS
VOUT
(V)
VIN
(V)
VCC,
VDD
(V)
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
CDP1802A, CDP1802AC, CDP1802BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com