Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1805ACDX Datasheet(PDF) 21 Page - Intersil Corporation

Part # CDP1805ACDX
Description  CMOS 8-Bit Microprocessor with On-Chip RAM and Counter/Timer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1805ACDX Datasheet(HTML) 21 Page - Intersil Corporation

Back Button CDP1805ACDX Datasheet HTML 17Page - Intersil Corporation CDP1805ACDX Datasheet HTML 18Page - Intersil Corporation CDP1805ACDX Datasheet HTML 19Page - Intersil Corporation CDP1805ACDX Datasheet HTML 20Page - Intersil Corporation CDP1805ACDX Datasheet HTML 21Page - Intersil Corporation CDP1805ACDX Datasheet HTML 22Page - Intersil Corporation CDP1805ACDX Datasheet HTML 23Page - Intersil Corporation CDP1805ACDX Datasheet HTML 24Page - Intersil Corporation CDP1805ACDX Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
SET Q
2
SEQ
7B
1
→ Q
RESET Q
2
REQ
7A
0
→ Q
PUSH X, P TO STACK
2
MARK
79
(X, P)
→ T; (X, P) → M(R(2)),
THEN P
→ X; R(2) → 1→ R(2)
TIMER/COUNTER INSTRUCTIONS
LOAD COUNTER
3
LDC
6806
(Note 15)
CNTR STOPPED: D
→ CH, CNTR;
0
→ CI. CNTR RUNNING; D → CH
GET COUNTER
3
GEC
6808
CNTR
→ D
STOP COUNTER
3
STPC
6800
STOP CNTR CLOCK;
0
→ ÷ 32 PRESCALER
DECREMENT TIMER/COUNTER
3
DTC
6801
CNTR - 1
→ CNTR
SET TIMER MODE AND START
3
STM
6807
TPA
÷ 32 → CNTR
SET COUNTER MODE 1 AND
START
3
SCM1
6805
EF1
→ CNTR CLOCK
SET COUNTER MODE 2 AND
START
3
SCM2
6803
EF2
→ CNTR CLOCK
SET PULSE WIDTH MODE 1 AND
START
3
SPM1
6804
TPA.EF1
→ CNTR CLOCK;
EF1
STOPS COUNT
SET PULSE WIDTH MODE 2 AND
START
3
SPM2
6802
TPA.EF2
→ CNTR CLOCK;
EF2
STOPS COUNT
ENABLE TOGGLE Q
3
ETQ
6809
(Note 15)
IF CNTR = 01
• NEXT CNTR CLOCK
; Q
→ Q
INTERRUPT CONTROL
EXTERNAL INTERRUPT ENABLE
3
XIE
680A
1
→ XIE
EXTERNAL INTERRUPT DISABLE
3
XID
680B
0
→ XIE
COUNTER INTERRUPT ENABLE
3
CIE
680C
l
→ CIE
COUNTER INTERRUPT DISABLE
3
CID
680D
0
→ CIE
RETURN
2
RET
70
M(R(X))
→ X, P; R(X) + 1 → R(X); 1 → MIE
DISABLE
2
DIS
71
M(R(X)
→ X, P; R(X) + 1 → R(X); 0 → MIE
SAVE
2
SAV
78
T
→ M(R(X))
SAVE T, D, DF
6
DSAV
6876
(Note 10)
R(X) - 1
→ R(X), T → M(R(X)),
R(X) - 1
→ R(X), D → M (R(X)),
R(X) - 1
→ R(X), SHIFT D
RIGHT WITH CARRY, D
→ M(R(X))
INPUT-OUTPUT BYTE TRANSFER
OUTPUT 1
2
OUT 1
61
M(R(X))
→ BUS; R(X) + 1 → R(X)
N LINES = 1
OUTPUT 2
2
OUT 2
62
M(R(X))
→ BUS; R(X) + 1 → R(X)
N LINES = 2
OUTPUT 3
2
OUT 3
63
M(R(X))
→ BUS; R(X) + 1 → R(X)
N LINES = 3
OUTPUT 4
2
OUT 4
64
M(R(X))
→ BUS; R(X) + 1 → R(X)
N LINES = 4
OUTPUT 5
2
OUT 5
65
M(R(X))
→ BUS; R(X) + 1 → R(X)
N LINES = 5
TABLE 1. INSTRUCTION SUMMARY (SEE NOTES) (Continued)
INSTRUCTION
NO. OF
MACHINE
CYCLES
MNEMONIC
OP CODE
OPERATION
CDP1805AC, CDP1806AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com