Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1822CD Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1822CD
Description  256-Word x 4-Bit LSI Static RAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1822CD Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1822CD Datasheet HTML 1Page - Intersil Corporation CDP1822CD Datasheet HTML 2Page - Intersil Corporation CDP1822CD Datasheet HTML 3Page - Intersil Corporation CDP1822CD Datasheet HTML 4Page - Intersil Corporation CDP1822CD Datasheet HTML 5Page - Intersil Corporation CDP1822CD Datasheet HTML 6Page - Intersil Corporation CDP1822CD Datasheet HTML 7Page - Intersil Corporation CDP1822CD Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
6-12
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1822 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1822C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
75
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
80
21
Maximum Operating Temperature Range (TA)
Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . .-40oC to +85oC
Maximum Junction Temperature
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Storage Temperature Range (TSTG). . . . . . . . . . . .-65
oC to +150oC
TA = -40
oC to +60oC (Package Type E) . . . . . . . . . . . . . . 500mW
TA = +60
oC to +85oC (Package Type E) . . . . . . Derate Linearly at
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12mW/oC to 200mW
Lead Temperature (During Soldering). . . . . . . . . . . . . . . . . . . 300oC
Recommended Operating Conditions At TA = Full Package Temperature Range. For maximum reliability, operating conditions
should be selected so that operation is always within the following ranges:
PARAMETER
SYMBOL
LIMITS
UNITS
CDP1822
CDP1822C
MIN
MAX
MIN
MAX
DC Operating Voltage Range
4
10.5
4
6.5
V
Input Voltage Range
VSS
VDD
VSS
VDD
V
Static Electrical Specifications
At TA = -40
oC to +85oC, Except as Noted
PARAMETER
SYMBOL
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1822
CDP1822C
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device
Current
IDD
-
0, 5
5
-
-
500
-
-
500
µA
-
0, 10
10
-
-
1000
-
-
-
µA
Output Low (Sink)
Current
IOL
0.4
0, 5
5
2
4
-
2
4
-
mA
0.5
0, 10
10
4.5
9
-
-
-
-
mA
Output High (Source)
Current
IOH
4.6
0, 5
5
-1
-2
-
-1
-2
-
mA
9.5
0, 10
10
-2.2
-4.4
-
-
-
-
mA
Output Voltage
Low-Level
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
High-Level
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
0.5, 9.5
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 9.5
-
5
3.5
-
-
3.5
-
-
V
0.5, 9.5
-
10
7
-
-
-
-
-
V
Input Leakage Current
IIN
-
0, 5
5
-
-
±5-
-
±5
µA
-
0, 10
10
-
-
±10
-
-
-
µA
CDP1822, CDP1822C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com