Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1853 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CDP1853
Description  N-Bit 1 of 8 Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1853 Datasheet(HTML) 1 Page - Intersil Corporation

  CDP1853 Datasheet HTML 1Page - Intersil Corporation CDP1853 Datasheet HTML 2Page - Intersil Corporation CDP1853 Datasheet HTML 3Page - Intersil Corporation CDP1853 Datasheet HTML 4Page - Intersil Corporation CDP1853 Datasheet HTML 5Page - Intersil Corporation CDP1853 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-35
CDP1853,
CDP1853C
N-Bit 1 of 8 Decoder
Description
The CDP1853 and CDP1853C are 1 of 8 decoders designed for
use in general purpose microprocessor systems. These
devices, which are functionally identical, are specifically
designed for use as gated N-bit decoders and interface directly
with the 1800-series microprocessors without additional compo-
nents. The CDP1853 has a recommended operating voltage
range of 4V to 10.5V, and the CDP1853C has a recommended
operating voltage range of 4V to 6.5V.
When CHIP ENABLE (CE) is high, the selected output will be
true (high) from the trailing edge of CLOCK A (high-to-low tran-
sition) to the trailing edge of CLOCK B (high-to-low transition).
All outputs will be low when the device is not selected (CE = 0)
and during conditions of CLOCK A and CLOCK B as shown in
Figure 2. The CDP1853 inputs N0, N1, N2, CLOCK A, and
CLOCK B are connected to an 1800-series microprocessor out-
puts N0, N1, N2, TPA, and TPB respectively, when used to
decode I/O commands as shown in Figure 5. The CHIP
ENABLE (CE) input provides the capability for multiple levels of
decoding as shown in Figure 6.
The CDP1853 can also be used as a general 1 of 8 decoder for
I/O and memory system applications as shown in Figure 4.
The CDP1853 and CDP1853C are supplied in hermetic 16-lead
dual-in-line ceramic (D suffix) and plastic (E suffix) packages.
Features
• Provides Direct Control of Up to 7 Input and 7 Output
Devices
• CHIP ENABLE (CE) Allows Easy Expansion for Multi-
level I/O Systems
Ordering Information
PACKAGE TEMP. RANGE
5V
10V
PKG.
NO.
PDIP
-40oC to +85oC CDP1853CE
CDP1853E E16.3
Burn-In
CDP1853CEX
-
E16.3
SBDIP
-40oC to +85oC CDP1853CD
CDP1853D D16.3
Burn-In
CDP1853CDX
-
D16.3
March 1997
File Number
1189.2
Pinout
16 LEAD DIP
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CLK A
N0
N1
OUT 0
OUT 1
OUT 2
VSS
OUT 3
VDD
N2
CE
OUT 4
OUT 5
OUT 6
OUT 7
CLK B
CDP1853 Functional Diagram
FIGURE 1.
Qn
4
5
6
7
12
11
10
9
1 OF 8
DECODER
OUT 0
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
2
3
14
N0
N1
N2
13
CE
1
15
CLOCK
A
CLOCK
B
(TPA)
(TPB)
EN
TRUTH TABLE
1 = High level, 0 = Low level, X = Don’t care
† Qn-1 = Enable remains in previous state.
CE
CL A
CL B
EN
1
0
0
Qn-1†
1011
1100
1111
0X
X0
N2
N1
N0
EN
01234567
0001
10000000
0011
01000000
0101
00100000
0111
00010000
1001
00001000
1011
00000100
1101
00000010
1111
00000001
X
X
X
0
00000000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CDP1853

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
CDP1853C/3 INTERSIL-CDP1853C/3 Datasheet
35Kb / 7P
High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
CDP1853CD3 INTERSIL-CDP1853CD3 Datasheet
35Kb / 7P
High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
More results

Similar Description - CDP1853

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
8-Bit Addressable Latch 1-of-8 Decoder
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
1-of-8 Decoder
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
1-of-8 Decoder
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com