Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1852CE Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1852CE
Description  Byte-Wide Input/Output Port
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1852CE Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1852CE Datasheet HTML 1Page - Intersil Corporation CDP1852CE Datasheet HTML 2Page - Intersil Corporation CDP1852CE Datasheet HTML 3Page - Intersil Corporation CDP1852CE Datasheet HTML 4Page - Intersil Corporation CDP1852CE Datasheet HTML 5Page - Intersil Corporation CDP1852CE Datasheet HTML 6Page - Intersil Corporation CDP1852CE Datasheet HTML 7Page - Intersil Corporation CDP1852CE Datasheet HTML 8Page - Intersil Corporation CDP1852CE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
A CLEAR control is provided for resetting the port’s register
(DO0-DO7 = 0) and service request flip-flop (input mode:
SR/ SR = 1 and output mode: SR/SR = 0).
The CDP1852 is functionally identical to the CDP1852C.
The CDP1852 has a recommended operating voltage range
of 4 to 10.5 volts, and the CDP1852C has a recommended
operating voltage range of 4 to 6.5 volts.
The CDP1852 and CDP1852C are supplied in 24-lead,
hermetic, dual-in-line ceramic packages (D suffix), in 24-lead
dual-in-line plastic packages (E suffix). The CDP1852C is
also available in chip form (H suffix).
Absolute Maximum Ratings
Thermal Information
DC Supply-voltage Range, (VDD)
(Voltage Referenced to VSS Terminal)
CDP1852 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +11V
CDP1852C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5 to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . . -0.5 to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
Device Dissipation Per Output Transistor. . . . . . . . . . . . . . . 100mW
For TA = Full Package-Temperature Range
(All Package Type)
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
65
N/A
SBDIP Package. . . . . . . . . . . . . . . . . .
65
20
Operating-Temperature Range (TA)
Package Type D, H . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering): . . . . . . . . . . . . . . . . . +265oC
At Distance 1/16
± 1/32 inch (1.59 ± 0.79mm)
from Case for 10s max
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
At TA = Full Package Temperature Range. For Maximum Reliability, Operating Conditions Should be
Selected so that Operation is Always within the Following Ranges:
PARAMETER
LIMITS
UNITS
CDP1852
CDP1852C
MIN
MAX
MIN
MAX
DC Operating Voltage Range
4
10.5
4
6.5
V
Input Voltage Range
VSS
VDD
VSS
VDD
V
Functional Diagram
NOTE:
1. Polarity depends on mode.
FIGURE 2. FUNCTIONAL BLOCK DIAGRAM FOR CDP1852
CONTROL
LOGIC
3
5
7
9
16
18
20
22
RESET
8-BIT
DATA
REGISTER
DEVICE
SELECT
DECODE
CSI/CSI
13
CLOCK
(NOTE 1)
CS2
1
14
11
2
MODE
CLOCK
CLEAR
DI0
DI1
DI2
DI3
DI4
DI5
DI6
DI7
23
SR/SR
(NOTE 1)
24
12
VDD
VSS
4
6
8
10
15
17
19
21
ENABLE
THREE-
STATE
OUTPUT
DO0
DO1
DO2
DO3
DO4
DO5
DO6
DO7
DRIVERS
MODE 0
MODE 1
P1
CSI
CSI
P23
SR
SR
CDP1852, CDP1852C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com