Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1853CE Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1853CE
Description  N-Bit 1 of 8 Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1853CE Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1853CE Datasheet HTML 1Page - Intersil Corporation CDP1853CE Datasheet HTML 2Page - Intersil Corporation CDP1853CE Datasheet HTML 3Page - Intersil Corporation CDP1853CE Datasheet HTML 4Page - Intersil Corporation CDP1853CE Datasheet HTML 5Page - Intersil Corporation CDP1853CE Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-36
CDP1853, CDP1853C
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All voltage values referenced to VSS terminal)
CDP1853 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1853C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
85
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
85
22
Operating Temperature Range (TA)
Ceramic Packages (D Suffix Types) . . . . . . . . . . -55oC to +125oC
Plastic Packages (E Suffix Types) . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering). . . . . . . . . . . . . . . . . . +265oC
At distance 1/16
± 1/32 In. (1.59 ± 0.79mm)
from case for 10s max
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Static Electrical Specifications At TA = -40 to +85oC, Unless Otherwise Specified
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1853
CDP1853C
MIN
(NOTE1)
TYP
MAX
MIN
(NOTE1)
TYP
MAX
Quiescent Device
Current
IL
-
-
5
-
110
-
550
µA
-
-
10
-
10
100
-
-
-
µA
Output Low Drive (Sink)
Current
IOL
0.4
0, 5
5
1.6
3.2
-
1.6
3.2
-
mA
0.5
0, 10
10
2.6
5.2
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-1.15
-2.3
-
-1.15
-2.3
-
mA
9.5
0, 10
10
-2.6
-5.2
-
-
-
-
mA
Output Voltage Low Level
(Note 2)
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage High Level
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
1, 9
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 4.5
-
5
3.5
-
-
3.5
-
-
V
1, 9
-
10
7
-
-
-
-
-
V
Input Leakage Current
IIN
Any
Input
0, 5
5
-
-
±1-
-
±1
µA
0, 10
10
-
-
±1-
-
-
µA
Operating Current
(Note 3)
IDD1
0, 5
0, 5
5
-
50
100
-
50
100
µA
0, 10
0, 10
10
-
150
300
-
-
-
µA
Input Capacitance
CIN
-
-
-
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = +25
oC and nominal voltage.
2. IOL = IOH = 1µA
3. Operating current measured in a CDP1802 system at 2MHz with outputs floating.
Spec Number



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com