Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854ACE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1854ACE
Description  Programmable Universal Asynchronous Receiver/Transmitter (UART)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854ACE Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1854ACE Datasheet HTML 1Page - Intersil Corporation CDP1854ACE Datasheet HTML 2Page - Intersil Corporation CDP1854ACE Datasheet HTML 3Page - Intersil Corporation CDP1854ACE Datasheet HTML 4Page - Intersil Corporation CDP1854ACE Datasheet HTML 5Page - Intersil Corporation CDP1854ACE Datasheet HTML 6Page - Intersil Corporation CDP1854ACE Datasheet HTML 7Page - Intersil Corporation CDP1854ACE Datasheet HTML 8Page - Intersil Corporation CDP1854ACE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5-46
Three-State Output
Leakage Current
IOUT
0, 5
0, 5
5
-
-
±1-
-
±1
µA
0, 10
0, 10
10
-
-
±10
-
-
-
µA
Operating Current
(Note 3)
IDD1
-
0, 5
5
-
1.5
-
-
1.5
-
mA
-
0, 10
10
-
6
-
-
-
-
mA
Input Capacitance
CIN
-
-
-
-
5
7.5
-
5
7.5
pF
Output Capacitance
COUT
-
-
-
-
10
15
-
10
15
pF
NOTES:
1. Typical values are for TA = 25
oC.
2. IOL = IOH = 1µA.
3. Operating current is measured at 200kHz or VDD = 5V and 400kHz for VDD = 10V in a CDP1800-series microprocessor system, with
open outputs.
Operating Conditions At TA = Full Package-Temperature Range. For maximum reliability, operating conditions should be selected so
that operation is always within the following ranges:
PARAMETER
CONDITIONS
LIMITS
UNITS
VDD
(V)
CDP1854A
CDP1854AC
MIN
MAX
MIN
MAX
DC Operating Voltage Range
-
4
10.5
4
6.5
V
Input Voltage Range
-
VSS
VDD
VSS
VDD
V
Baud Rate (Receive or Transmit)
5
-
200
-
200
K bits/s
10
-
400
-
-
K bits/s
Static Electrical Specifications at TA = -40oC to +85oC, Unless Otherwise Noted (Continued)
PARAMETER
CONDITIONS
LIMITS
UNITS
VO
(V)
VIN
(V)
VDD
(V)
CDP1854A
CDP1854AC
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
CDP1854A, CDP1854AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com