Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1854ACEX Datasheet(PDF) 20 Page - Intersil Corporation

Part # CDP1854ACEX
Description  Programmable Universal Asynchronous Receiver/Transmitter (UART)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1854ACEX Datasheet(HTML) 20 Page - Intersil Corporation

Back Button CDP1854ACEX Datasheet HTML 13Page - Intersil Corporation CDP1854ACEX Datasheet HTML 14Page - Intersil Corporation CDP1854ACEX Datasheet HTML 15Page - Intersil Corporation CDP1854ACEX Datasheet HTML 16Page - Intersil Corporation CDP1854ACEX Datasheet HTML 17Page - Intersil Corporation CDP1854ACEX Datasheet HTML 18Page - Intersil Corporation CDP1854ACEX Datasheet HTML 19Page - Intersil Corporation CDP1854ACEX Datasheet HTML 20Page - Intersil Corporation CDP1854ACEX Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
5-61
NOTES:
1. The holding register is loaded on the trailing edge of THRL.
2. The transmitter shift register, if empty, is loaded on the first high-to-low transition of the clock which occurs at least 1/2 clock period + tTHC
after the trailing edge of THRL and transmission of a start bit occurs 1/2 clock period + tCD later.
FIGURE 10. MODE 0 TRANSMITTER TIMING DIAGRAM
T CLOCK
THRL
SDO
THRE
TSRE
T BUS 0
T BUS 7
tCC
tCL
tCH
tTHC
12
tTHTH
tCD
tCT
tTTS
tTTHR
tTD
tDT
DATA
tCD
1ST DATA BIT
TRANSMITTER SHIFT
REGISTER LOADED
(NOTE 2)
TRANSMITTER HOLDING
REGISTER LOADED
(NOTE 1)
34
56
7
14
15
16
1
23
NOTES:
1. If a start bit occurs at a time less than tDC before a high-to-low transition of the clock, the start bit may not be recognized until the next
high-to-low transition of the clock. The start bit may be completely asynchronous with the clock.
2. If a pending DA has not been cleared by a read of the receiver holding register by the time a new word is loaded into the receiver holding
register, the OE signal will come true.
FIGURE 11. MODE 0 RECEIVER TIMING DIAGRAM
R CLOCK
R BUS 7
DA
DAR
tCC
tCL
tCH
tDC
12
START BIT
tDDA
tCDV
CLOCK 7 1/2
SAMPLE
34
56
7
16
(NOTE 1)
SDI
12
34
56
78
9
STOP BIT 1
CLOCK 7 1/2 LOAD
HOLDING REGISTER
tCDA
tDD
tCOE
tCPE
tCFE
R BUS 0 -
OE
PE
(NOTE 2)
FE
PARITY
FIGURE 12. SERIAL DATA WORD FORMAT
NEXT DATA WORD
STOP BITS 1, 1-1/2 OR 2
PARITY BIT
DATA
MSB
5 - 8 DATA BITS
DATA
LSB
START BIT
16 / fCLOCK
CDP1854A, CDP1854AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com