Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1874C Datasheet(PDF) 3 Page - Intersil Corporation

Part # CDP1874C
Description  High-Speed 8-Bit Input and Output Ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1874C Datasheet(HTML) 3 Page - Intersil Corporation

  CDP1874C Datasheet HTML 1Page - Intersil Corporation CDP1874C Datasheet HTML 2Page - Intersil Corporation CDP1874C Datasheet HTML 3Page - Intersil Corporation CDP1874C Datasheet HTML 4Page - Intersil Corporation CDP1874C Datasheet HTML 5Page - Intersil Corporation CDP1874C Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-78
Logic Diagrams
FIGURE 1. EQUIVALENT LOGIC DIAGRAM (1 OF 8 LATCHES
SHOWN) FOR CDP1872C
FIGURE 2. EQUIVALENT LOGIC DIAGRAM (1 OF 8 LATCHES
SHOWN) for CDP1874C
FIGURE 3. EQUIVALENT LOGIC DIAGRAM (1 OF 8 LATCHES SHOWN) FOR CDP1875C
Dynamic Electrical Specifications At TA = 25oC, VDD 5V, tR, tF = 10ns, VIH = 0.7VDD, VIL = 0.3VDD, CL = 150pF
PARAMETER
LIMITS
UNITS
CDP1872C, CDP1874C
MIN
(NOTE 1)
TYP
(NOTE 2)
MAX
INPUT PORT (FIGURE 4)
Output Enable
tEN
-45
90
ns
Output Disable
tDIS
-45
90
ns
Clock to Data Out
tCLO
-45
90
ns
Clear to Output
tCRO
-
80
160
ns
Data In to Data Out
tDIO
-50
85
ns
Minimum Data Setup Time
tDSU
-10
30
ns
Data Hold Time
tDH
-10
30
ns
Minimum Clock Pulse Width
tCL
-30
60
ns
Minimum Clear Pulse Width
tCR
-30
60
ns
NOTES:
1. Typical values are for TA = +25
oC and V
DD ±5%.
2. Maximum values are for TA = +85
oC and V
DD ±5%
D
C
R
Q
CS1
CS2
DI
CLOCK
CLR
DO
D
C
R
Q
CS1
CS2
DI
CLOCK
CLR
DO
D
C
R
Q
CS1
CS3
CLR
DO
CS2
DI
CDP1872C, CDP1874C, CDP1875C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com