Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1879CE1 Datasheet(PDF) 16 Page - Intersil Corporation

Part # CDP1879CE1
Description  CMOS Real-Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1879CE1 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button CDP1879CE1 Datasheet HTML 10Page - Intersil Corporation CDP1879CE1 Datasheet HTML 11Page - Intersil Corporation CDP1879CE1 Datasheet HTML 12Page - Intersil Corporation CDP1879CE1 Datasheet HTML 13Page - Intersil Corporation CDP1879CE1 Datasheet HTML 14Page - Intersil Corporation CDP1879CE1 Datasheet HTML 15Page - Intersil Corporation CDP1879CE1 Datasheet HTML 16Page - Intersil Corporation CDP1879CE1 Datasheet HTML 17Page - Intersil Corporation CDP1879CE1 Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
4-119
FIGURE 15. CDP1800 SERIES INPUT/OUTPUT MAPPING TIMING WAVEFORMS WITH OUTPUT INSTRUCTION
FIGURE 16. CDP1800 SERIES INPUT/OUTPUT MAPPING TIMING WAVEFORMS WITH INPUT INSTRUCTION
Dynamic Electrical Specifications at TA -40oC to +85oC, Input tR, tF = 10ns, CL = 50pF
PARAMETER
VDD
(V)
LIMITS
UNITS
CDP1879
CDP1879C-1
(NOTE 1)
MIN
MAX
(NOTE 1)
MIN
MAX
Read Cycle Times (See Figure 17)
Data Access from Address
tDA
5
-
400
-
400
ns
10
-
190
-
-
Read Pulse Width
tRD
5
270
-
270
-
10
160
-
-
-
Data Access from Read
tDR
5
-
375
-
375
10
-
170
-
-
Address Hold after Read
tRH
50
-
0
-
10
0
-
-
-
Output Hold after Read
tDH
5
50
230
50
230
10
40
130
-
-
Chip Select Setup to TPA
tCS
5
50
-
50
-
10
30
-
-
-
NOTE:
1. Time required by a limit device to allow for the indicated function.
VALID DATA
DATA FROM MEMORY
N LINES
RD
TPA
TO REAL-TIME CLOCK
TPB/WR
DATA LATCHED
VALID DATA
OUTPUT DRIVERS ENABLED
OUTPUT DRIVERS
DISABLED
DATA FROM
RD
TPB/WR
TPA
REAL-TIME CLOCK
TO MEMORY
N LINES
CDP1879, CDP1879C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com