Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1882CE Datasheet(PDF) 6 Page - Intersil Corporation

Part # CDP1882CE
Description  CMOS 6-Bit Latch and Decoder Memory Interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1882CE Datasheet(HTML) 6 Page - Intersil Corporation

  CDP1882CE Datasheet HTML 1Page - Intersil Corporation CDP1882CE Datasheet HTML 2Page - Intersil Corporation CDP1882CE Datasheet HTML 3Page - Intersil Corporation CDP1882CE Datasheet HTML 4Page - Intersil Corporation CDP1882CE Datasheet HTML 5Page - Intersil Corporation CDP1882CE Datasheet HTML 6Page - Intersil Corporation CDP1882CE Datasheet HTML 7Page - Intersil Corporation CDP1882CE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-6
Signal Descriptions/Pin Functions
CLOCK: Latch-Input Control - a high at the clock input will
allow data to pass through the latch to the output pin. Data is
latched on the high to low transition of the clock input. This
input is connected to TPA in CDP1800-series systems.
MA0 - MA3: Address inputs to the high-byte address
latches.
MA4 - MA5: High byte address inputs decoded to produce
chip selects CS0 - CS3.
MRD, MWR: MEMORY READ (MRD) and MEMORY WRITE
(MWR) signal inputs on the CDP1881C. A low at either
input, when the CE pin is low, will enable the decoder chip
select outputs (CS0 - CS3).
CE: CHIP ENABLE input - a low at the CE input of
CDP1882, CDP1882C will enable the chip select decoder. A
low at the CE input of CDP1881C, coincident with a low at
either MRD or MRW pin, will enable the chip select decoder.
A high on this pin forces CS0, CS1, CS2, and CS3 to a high
(false) state.
A8 - A11: Latched high-byte address outputs.
CS0 - CS3: One of four latched and decoded Chip Select
outputs.
VDD, VSS: Power and ground pins, respectively.
Application Information
The CDP1881C, CDP1882, CDP1882C can interface
directly with the multiplexed address bus of the CDP1800-
series microprocessor family at maximum clock frequency. A
single CDP1881C or CDP1882 is capable of decoding up to
16K-bytes of memory.
The CDP1881C is provided with MRD and MWR inputs for
controlling bus contention, and is especially useful for inter-
facing with RAMs that do not have an output enable function
(OE). Figure 4 shows the CDP1881C in a minimum system
configuration which includes the CDP1833 ROM (1K x 8)
and two 2K x 8 RAMS. The CDP1881C in this example per-
forms the following functions:
1) Latch and decode high-order address bits for use as chip
selects.
2) Gate chip selects with MRD and MWR to prevent bus
contention with the CPU.
3) Latch high-order address bits A8 to A11.
A system using the CDP1882 is shown in Figure 5. The
CDP1882 performs the memory address latch and decoder
functions. Note that the RAM has an output enable (OE) pin
which eliminates the need for MRD and MWR inputs on the
latch/decoder. Instead, the MRD line is connected directly to
the RAM output enable (OE) pin.
In Figure 6 the CDP1882 is used to decode a 16K-byte ROM
system consisting of four CDM5332s.
FIGURE 4. MINIMUM 1800-SERIES USING THE CDP1881C
CDP1881C
LATCH/
DECODER
MA0 - MA5
CLK
A11
CS0
CS1
CS2
CS3
R/W
CS
CEB (NOTE 1)
CEA (NOTE 1)
A0 - A7
(2) 2K x 8
RAMS
CE
MRD
MWR
CDP1883
1K x 8
ROM
TPA
A0 - A7
MRD
CEO
TPA
MRD
MWR
CDP1800
SERIES
CPU
WAIT
CLR
A8 - A10
ADDRESS BUS
DATA BUS
NOTE: CEA = CE RAM NUMBER 1
CEB = CE RAM NUMBER 2
CDP1881C, CDP1882, CDP1882C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com