Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1882CEX Datasheet(PDF) 2 Page - Intersil Corporation

Part # CDP1882CEX
Description  CMOS 6-Bit Latch and Decoder Memory Interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1882CEX Datasheet(HTML) 2 Page - Intersil Corporation

  CDP1882CEX Datasheet HTML 1Page - Intersil Corporation CDP1882CEX Datasheet HTML 2Page - Intersil Corporation CDP1882CEX Datasheet HTML 3Page - Intersil Corporation CDP1882CEX Datasheet HTML 4Page - Intersil Corporation CDP1882CEX Datasheet HTML 5Page - Intersil Corporation CDP1882CEX Datasheet HTML 6Page - Intersil Corporation CDP1882CEX Datasheet HTML 7Page - Intersil Corporation CDP1882CEX Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-2
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range, (VDD)
(All Voltages Referenced to VSS Terminal)
CDP1882 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +11V
CDP1881C and CDP1882C. . . . . . . . . . . . . . . . . . . -0.5V to +7V
Input Voltage Range, All Inputs . . . . . . . . . . . . . -0.5V to VDD +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . . .±10mA
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
18 Lead PDIP . . . . . . . . . . . . . . . . . . .
85
N/A
20 Lead PDIP . . . . . . . . . . . . . . . . . . .
80
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
85
22
Device Dissipation Per Output Transistor
TA = Full Package Temperature Range
(All Package Types) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW
Operating Temperature Range (TA)
Package Type D. . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Package Type E . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . -65
oC to +150oC
Lead Temperature (During Soldering)
At distance 1/16
±1/32 In. (1.59 ± 0.79mm)
from case for 10s max . . . . . . . . . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and opera-
tion of the device at these or any other conditions above those indicated in the operation section of this specification is not implied.
Recommended Operating Conditions
At TA = Full Package Temperature Range. For maximum reliability, operating conditions
should be selected so that operation is always within the following ranges:
PARAMETER
CDP1882
CDP1881C, CDP1882C
UNITS
MIN
MAX
MIN
MAX
DC Operating Voltage Range
4
10.5
4
6.5
V
Input Voltage Range
VSS
VDD
VSS
VDD
V
Static Electrical Specifications
At TA = -40
oC to +85oC, V
DD ± 5%, Except as Noted:
PARAMETER
SYMBOL
CONDITIONS
CDP1882
CDP1881C, CDP1882C
UNITS
VO
(V)
VIN
(V)
VDD
(V)
MIN
(NOTE 1)
TYP
MAX
MIN
(NOTE 1)
TYP
MAX
Quiescent Device
Current
IDD
-
0, 5
5
-
1
10
-
5
50
µA
-
0, 10
10
-
10
100
-
-
-
µA
Output Low Drive
(Sink) Current
IOL
0.4
0, 5
5
1.6
3.2
-
1.6
3.2
-
mA
0.5
0, 10
10
3.2
6.4
-
-
-
-
mA
Output High Drive
(Source) Current
IOH
4.6
0, 5
5
-1.15
-2.3
-
-1.15
-2.3
-
mA
9.5
0, 10
10
-2.3
-4.6
-
-
-
-
mA
Output Voltage
Low-Level (Note 2)
VOL
-
0, 5
5
-
0
0.1
-
0
0.1
V
-
0, 10
10
-
0
0.1
-
-
-
V
Output Voltage
High-Level (Note 2)
VOH
-
0, 5
5
4.9
5
-
4.9
5
-
V
-
0, 10
10
9.9
10
-
-
-
-
V
Input Low Voltage
VIL
0.5, 4.5
-
5
-
-
1.5
-
-
1.5
V
1, 9
-
10
-
-
3
-
-
-
V
Input High Voltage
VIH
0.5, 9.5
-
5
3.5
-
-
3.5
-
-
V
1, 9
-
10
7
-
-
-
-
-
V
CDP1881C, CDP1882, CDP1882C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com