Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG211 Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG211
Description  SPST 4-Channel Analog Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG211 Datasheet(HTML) 2 Page - Intersil Corporation

  DG211 Datasheet HTML 1Page - Intersil Corporation DG211 Datasheet HTML 2Page - Intersil Corporation DG211 Datasheet HTML 3Page - Intersil Corporation DG211 Datasheet HTML 4Page - Intersil Corporation DG211 Datasheet HTML 5Page - Intersil Corporation DG211 Datasheet HTML 6Page - Intersil Corporation DG211 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Schematic Diagram
DG211 (1/4 AS SHOWN)
TTL IN
GND
+15V
+5V
VL
-15V
-15V
V-
-15V
+15V
OUT
IN
DG211, DG212



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com