Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1663 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KTA1663
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KTA1663 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KTA1663_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KTA1663_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
KTA1663
Features
1W (Mounted on Ceramic Substrate)
Small Flat Package
Comlementary to KTC4375
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-30
Collector - Emitter Voltage
VCEO
-30
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-1.5
Base Current
IB
-0.3
500
mW
1
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
Collector Power Dissipation
PC
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -1 mA, IE=0
-30
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA,IB=0
-30
Emitter - base breakdown voltage
VEBO
IE= -1 mA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -30V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-0.1
Collector-emitter saturation voltage
VCE(sat) IC=-1.5 A, IB=-30mA
-2
Base - emitter saturation voltage
VBE(sat) IC=-1.5 A, IB=-30mA
-1.2
Base - emitter voltage
VBE
VCE= -2V, IC= -500mA
-1
DC current gain
hFE
VCE= -2V, IC= -500mA
100
320
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
50
pF
Transition frequency
fT
VCE= -2V, IC= -500mA
120
MHz
V
uA
V
Classification of hfe
Type
KTA1663-O
KTA1663-Y
Range
100-200
160-320
Marking
HO
HY


Similar Part No. - KTA1663_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
KTA1663 WINNERJOIN-KTA1663_15 Datasheet
138Kb / 1P
PNP TRANSISTOR
logo
KEC(Korea Electronics)
KTA1663 KEC-KTA1663_15 Datasheet
312Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA1663_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com