Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG182AP Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG182AP
Description  High-Speed Drivers with JFET Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG182AP Datasheet(HTML) 1 Page - Intersil Corporation

  DG182AP Datasheet HTML 1Page - Intersil Corporation DG182AP Datasheet HTML 2Page - Intersil Corporation DG182AP Datasheet HTML 3Page - Intersil Corporation DG182AP Datasheet HTML 4Page - Intersil Corporation DG182AP Datasheet HTML 5Page - Intersil Corporation DG182AP Datasheet HTML 6Page - Intersil Corporation DG182AP Datasheet HTML 7Page - Intersil Corporation DG182AP Datasheet HTML 8Page - Intersil Corporation DG182AP Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures.
Copyright
© Harris Corporation 1999
1
Semiconductor
DG181 thru DG191
High-Speed Drivers with JFET Switch
Description
The DG181 thru DG191 series of analog gates consist of 2
or 4 N-channel junction-type field-effect transistors (JFET)
designed to function as electronic switches. Level-shifting
drivers enable low-level inputs (0.8V to 2V) to control the
ON-OFF state of each switch. The driver is designed to
provide a turn-off speed which is faster than turn-on speed,
so
that
break-before-make
action
is
achieved
when
switching from one channel to another. In the ON state, each
switch conducts current equally well in both directions. In the
OFF condition, the switches will block voltages up to 20V
peak-to-peak. Switch-OFF input-output isolation 50dB at
10MHz, due to the low output impedance of the FET-gate
driving circuit.
Features
• Constant ON-Resistance for Signals to
±10V (DG182,
DG185, DG188, DG191), to
±7.5V (All Devices)
•
±15V Power Supplies
• <2nA Leakage from Signal Channel in Both ON and
OFF States
• TTL, DTL, RTL Direct Drive Compatibility
•tON, tOFF <150ns, Break-Before-Make Action
• Cross-Talk and Open Switch Isolation >50dB at 10MHz
(75
Ω Load)
April 1999
Functional Diagrams (Typical Channel)
DG186, DG187, DG188 - ONE AND TWO CHANNEL
SPDT AND SPST CIRCUIT CONFIGURATION
DG183, DG184, DG185 - TWO CHANNEL DPST
CIRCUIT CONFIGURATION
S2
D2
S1
D1
V+
GND
VL
IN
V-
S
D
S
D
V+
GND
VL
IN
V-
File Number
3114.4
OBSOLETE
PRODUCT
POSSIBLE
SUBSTITUTE
PRODUCT
DG184,
DG185:
HI-5049,
HI-5045
DG190:
DG403,
HI-5051,
IH5151
DG191:
HI-5043,
HI-0390,
IH5043


Similar Part No. - DG182AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG182 VISHAY-DG182 Datasheet
84Kb / 8P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
logo
Intersil Corporation
DG182 INTERSIL-DG182 Datasheet
4Mb / 122P
P-CHANNEL JFET
DG182 INTERSIL-DG182 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
logo
Vishay Siliconix
DG182 VISHAY-DG182 Datasheet
91Kb / 9P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
More results

Similar Description - DG182AP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE467 NTE-NTE467 Datasheet
20Kb / 2P
Silicon N-channel JFET Transistor Chopper, High Speed Switch
logo
Vishay Siliconix
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
logo
TEMIC Semiconductors
DG183 TEMIC-DG183 Datasheet
113Kb / 8P
High-Speed Drivers with Dual DPST JFET Switches
logo
Vishay Siliconix
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
High-Speed Drivers with SPDT JFET Switches
16-Jun-97
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
High-Speed Drivers and Dual DPST JFET Switches
16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
High-Speed Drivers with SPDT JFET Switches
16-Jun-97
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
High-Speed Drivers with Dual SPDT JFET Switches
20-Jun-05
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
High-Speed Drivers with Dual SPST JFET Switches
16-Jun-97
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com