Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRE460R Datasheet(PDF) 2 Page - Intersil Corporation

Part # FRE460R
Description  12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRE460R Datasheet(HTML) 2 Page - Intersil Corporation

  FRE460R Datasheet HTML 1Page - Intersil Corporation FRE460R Datasheet HTML 2Page - Intersil Corporation FRE460R Datasheet HTML 3Page - Intersil Corporation FRE460R Datasheet HTML 4Page - Intersil Corporation FRE460R Datasheet HTML 5Page - Intersil Corporation FRE460R Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-2
Pre-Radiation Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
MAX
Drain-Source Breakdown Volts
BVDSS
VGS = 0, ID = 1mA
500
-
V
Gate-Treshold Volts
VGS(th)
VDS = VGS, ID = 1mA
2.0
4.0
V
Gate-Body Leakage Forward
IGSSF
VGS = +20V
-
100
nA
Gate-Body Leakage Reverse
IGSSR
VGS = -20V
-
100
nA
Zero-Gate Voltage Drain Current
IDSS1
IDSS2
IDSS3
VDS = 500V, VGS = 0
VDS = 400V, VGS = 0
VDS = 400V, VG65S = 0, TC = +125oC
-
-
-
1
0.025
0.25
mA
Rated Avalanche Current
IAR
Time = 20
µs
-
36
A
Drain-Source On-State Volts
VDS(on)
VGS = 10V, ID = 12A
-
5.17
V
Drain-Source On Resistance
RDS(on)
VGS = 10V, ID = 7A
-
0.410
Ω
Turn-On Delay Time
td(on)
VDD = 250V, ID = 12A
Pulse Width = 3
µs
Period = 300
µs Rg = 10Ω
0
≤ VGS ≤ 10 (See Test Circuit)
-88
ns
Rise Time
tr
-
96
Turn-Off Delay Time
td(off)
-
556
Fall Time
tf
-
108
Gate-Charge Threshold
QG(th)
VDD = 250V, ID = 12A
IGS1 = IGS2
0
≤ VGS ≤ 20
728
nc
Gate-Charge On State
QG(on)
107
430
Gate-Charge Total
QGM
202
808
Plateau Voltage
VGP
2
10
V
Gate-Charge Source
QGS
19
76
nc
Gate-Charge Drain
QGD
43
172
Diode Forward Voltage
VSD
ID =12A, VGD = 0
0.6
1.8
V
Reverse Recovery Time
TT
I = 12A; di/dt = 100A/
µs
-
3000
ns
Junction-To-Case
R
θjc
-
0.83
oC/W
Junction-To-Ambient
R
θja
Free Air Operation
-
48
FIGURE 1. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 2. UNCLAMPED ENERGY TEST CIRCUIT
VDS
DUT
RGS
0V
VGS = 12V
VDD
RL
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
Ω
50
Ω
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
FRE460D, FRE460R, FRE460H



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com