Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1004GS Datasheet(PDF) 2 Page - NEC

Part # UPB1004GS
Description  REFERENCE FREQUENCY 16.368 MHz, 2ND IF FREQUENCY 4.092 MHz RF/IF FREQUENCY DOWN-CONVERTER PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1004GS Datasheet(HTML) 2 Page - NEC

  UPB1004GS Datasheet HTML 1Page - NEC UPB1004GS Datasheet HTML 2Page - NEC UPB1004GS Datasheet HTML 3Page - NEC UPB1004GS Datasheet HTML 4Page - NEC UPB1004GS Datasheet HTML 5Page - NEC UPB1004GS Datasheet HTML 6Page - NEC UPB1004GS Datasheet HTML 7Page - NEC UPB1004GS Datasheet HTML 8Page - NEC UPB1004GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Preliminary Data Sheet P14016EJ1V0DS00
2
µµµµPB1005K
PIN CONNECTION AND INTERNAL BLOCK DIAGRAM
1
2
3456
7
8
9
IF-MIXout
RF-MIXout
IF-MIXin
N.C.
REFin
N.C.
LOout
PD-Vout1
PD-Vout2
N.C.
GND
(divider block)
GND
(Phase detector)
VCC
(divider block)
N.C.
VGC
(IF-MIX)
GND
(IF-MIX)
VCC
(IF-MIX)
VCC
(RF-MIX)
PD
÷2
÷8
÷25
27
28
29
30
31
32
33
34
35
36
18
17
16
15
14
13
12
11
10
26
25
24
23
22
21
20
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com