Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8302 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8302 Datasheet HTML 9Page - Analog Devices AD8302 Datasheet HTML 10Page - Analog Devices AD8302 Datasheet HTML 11Page - Analog Devices AD8302 Datasheet HTML 12Page - Analog Devices AD8302 Datasheet HTML 13Page - Analog Devices AD8302 Datasheet HTML 14Page - Analog Devices AD8302 Datasheet HTML 15Page - Analog Devices AD8302 Datasheet HTML 16Page - Analog Devices AD8302 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
REV. A
AD8302
–13–
PHASE DIFFERENCE – Degrees
–180 –150
12
–120 –90 –60 –30
0
306090
10
8
6
4
2
0
120 150 180
PINPA = –30dBm
PINPA = –45dBm
PINPA = –15dBm
TPC 43. Phase Output Instantaneous Slope,
PINPA = PINPB, PINPA = PINPB + 15 dB, PINPA = PINPB – 15 dB,
Frequency 900 MHz
PHASE DIFFERENCE – Degrees
–180 –150
1.80
–120 –90 –60 –30
0
306090
1.62
1.44
1.26
1.08
0.90
0.72
0.54
0.36
0.00
120 150 180
0.18
PINPA = –40dBm
PINPA = –20dBm
PINPA = –30dBm
TPC 44. Phase Output vs. Input Phase Difference,
PINPA = PINPB, PINPA = PINPB + 10 dB, PINPA = PINPB – 10 dB,
Frequency 1900 MHz, Supply 5 V
PHASE DIFFERENCE – Degrees
–180 –150
12
–120 –90 –60 –30
0
306090
10
8
6
4
0
120 150 180
2
PINPA = –40dBm
PINPA = –20dBm
PINPA = –30dBm
TPC 45. Phase Output Instantaneous Slope, PINPA =
PINPB, PINPA = PINPB + 10 dB, PINPA = PINPB – 10 dB,
Frequency 1900 MHz, Supply 5 V
PHASE DIFFERENCE – Degrees
–180 –150
1.80
–120 –90 –60 –30
0
306090
1.62
120 150 180
PINPA = –40dBm
PINPA = –20dBm
PINPA = –30dBm
1.44
1.26
1.08
0.90
0.72
0.54
0.36
0.18
0.00
TPC 46. Phase Output vs. Input Phase Difference,
PINPA = PINPB, PINPA = PINPB + 10 dB, PINPA = PINPB – 10 dB,
Frequency 2200 MHz
PHASE DIFFERENCE – Degrees
–180 –150
12
–120 –90 –60 –30
0
30
60
90
120 150 180
PINPA = –40dBm
PINPA = –20dBm
PINPA = –30dBm
10
8
6
4
2
0
TPC 47. Phase Output Instantaneous Slope, PINPA = PINPB,
PINPA = PINPB + 10 dB, PINPA = PINPB – 10 dB, Frequency
2200 MHz
REAL SHUNT Z ( )
FREQUENCY – MHz
0
4000
500
1000
1500
2000
2500
3500
0
3000
2500
2000
1500
1000
500
4.0
3.5
0.0
3.0
2.5
2.0
1.5
1.0
0.5
SHUNT C
SHUNT R
CAPACITANCE SHUNT Z (pF)
TPC 48. Input Impedance, Modeled as Shunt R in Parallel
with Shunt C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com