Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSF9150D Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSF9150D
Description  22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSF9150D Datasheet(HTML) 4 Page - Intersil Corporation

  FSF9150D Datasheet HTML 1Page - Intersil Corporation FSF9150D Datasheet HTML 2Page - Intersil Corporation FSF9150D Datasheet HTML 3Page - Intersil Corporation FSF9150D Datasheet HTML 4Page - Intersil Corporation FSF9150D Datasheet HTML 5Page - Intersil Corporation FSF9150D Datasheet HTML 6Page - Intersil Corporation FSF9150D Datasheet HTML 7Page - Intersil Corporation FSF9150D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-212
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
20
24
16
12
8
4
100
10
1
-1
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
-10
-100
10ms
100ms
100
µs
1ms
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
TC = 25
oC
CHARGE
QGD
QG
VG
QGS
-12V
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 250ms, VGS = -12V, ID = 14A
10
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
0.001
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC + TC
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
PDM
t1
t2
FSF9150D, FSF9150R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com