Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1015-H Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1015-H
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1015-H Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1015-H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1015-H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1015
■
Typical Characterisitics
Static characteristics
Collector-Emitter Voltage, BVCEO (V)
-0
-4
-8
-12
-16
-20
0
-10
-20
-30
-40
-50
IB=-300µA
DC Current Gain
Collector current, IC (mA)
VCE=-6V
IB=-250µA
IB=-200µA
IB=-150µA
IB=-100µA
IB=-50µA
-10-1
-100
-101
-102
-103
100
101
102
103
Base-Emitter on Voltage
Base-Emitter Voltage, BVBEO (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
VCE=-6V
Collector Current, IC (mA)
Saturation voltage
IC=10xIB
-10-1
-100
-101
-102
-10-1
-100
-101
-102
-103
-10-2
-10-1
-100
-101
VCE(SAT)
VBE(SAT)
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
r
o
t
c
e
ll
o
C
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
G
t
n
e
rr
u
C
Collector current, IC (mA)
VCE=-6V
Collector-Base Voltage, BVCBO (V)
f=1MHz
IE=0
-10-1
-100
-101
-102
100
101
102
103
-100
-101
-102
-103
-10-1
-100
-101
-102
-10-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com