Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1484-D Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1484-D
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1484-D Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1484-D Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1484-D Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1484-D Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1484
■
Typical Characterisitics
0
50
100
150
Ambient Temperature Ta (ϒC)
Maximum Collector Dissipation Curve
150
100
50
Typical Output Characteristics (1)
Collector to Emitter Voltage VCE (V)
0
0
1
–
0
–80
–60
–40
–20
–20
–16
–12
–8
–4
IB = 0
–5 µA
–10
–15
–20
–25
–30
Typical Output Characteristics (2)
Collector to Emitter Voltage VCE (V)
0
–4
–8
–12
–16
–20
–10
–8
–6
–2
–4
PC = 150 mW
IB = 0
–2 µA
–4
–6
–8
–10
–12
–14
–16
–18
–20
Typical Transfer Characteristics
–0.1
–1.0
–10
–100
Base to Emitter Voltage VBE (V)
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCE = –6 V
Pulse
Ta = –25。C
25
75
Collector Cutoff Current vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
0
–20
–40
–60
–80
–100
–1
–10
–100
–1,000
–10.000
Ta = 75。C
25
–25
IE = 0
Pulse
Collector Cutoff Current vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
0
–20
–40
–60
–80
–100
–0.1
–1.0
–10
–100
–1,000
Ta = 75。C
25
–25
RBE = ∞
Pulse



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com