Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1514K-R Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1514K-R
Description  PNP Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1514K-R Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1514K-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1514K-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1514K-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SA1514K-R Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
Transistors
PNP Transistors
2SA1514K
■
Typical Characterisitics
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
-100
-1000
Ta=25ºC
Single non repetitive pulse
2SA1514K
DC
(Mounted on a
reference land)
10ms
1ms
100ms
1
10
100
-0.1
-1
-10
-100
Ta=25ºC
f=1MHz
IE=0A
Cob
Cib
Fig.9 Emitter input capacitance vs.
Emitter-Base Voltage
Collector output capacitance vs.
Collector-Base Voltage
COLLECTOR - BASE VOLTAGE : VCB [V]
EMITTER - BASE VOLTAGE : VEB [V]
Fig.10 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : VCE [V]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com