Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1260-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1260-R
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1260-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1260-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1260-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB1260
■
Typical Characterisitics
Fig.1 Grounded emitter propagation
characteristics
0
−0.1
1
−100
−1000
BASE TO EMITTER VOLTAGE : VBE
(V)
−0.8
−1.2
−1.6
−10
−0.2 −0.4
−1.0
−1.4
−0.6
Ta =25 °
C
V CE
= −5V
Fig.2 Grounded emitter output
characteristics
0
0
−0.2
−0.8
−1.0
−0.4
−0.8
−1.2
−1.6
−0.4
−0.6
−2.0
−0.2
−0.6
−1.0
−1.4
−1.8
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Ta =25 °
C
−0.5mA
IB =0mA
−1mA
−1.5mA
−2mA
−2.5mA
−3mA
−3.5mA
−4mA
−4.5mA
Fig.3 DC current gain vs.
collector current
−1 −2
−5 −10 −20 −50 −100 −200 −500
−2000
COLLECTOR CURRENT : IC (mA)
10
−1000
20
50
100
200
500
1000
V CE
= − 3V
−1V
Ta =25 °
C
Fig.4 Collector-emitter saturation
voltage vs. collector current
−0.01
−0.02
−0.05
−0.1
−0.2
−0.5
−1
−2
Ta =25 °
C
IC /IB =20
−1 −2
−5 −10 −20 −50 −100 −200 −500
−2000
−1000
COLLECTOR CURRENT : IC
(mA)
10
Fig.5 Gain bandwidth product
vs. emitter current
1
2
5 10 20
50 100 200 500 1000
1
2
5
10
20
50
100
200
500
1000
EMITTER CURRENT : IE
(mA)
Ta =25 °
C
V CE
= −5V
Fig.6 Collector output capacitance
vs. collector-base voltage
-0.2
−0.1
−0.5 -1 −2
−5 −10 −20 −50 −100
1
2
5
10
20
50
100
200
500
1000
Ta=25
°C
f=1MHz
IE=
0A
COLLECTOR TO BASE VOLTAGE : VCB
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com