Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1386-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1386-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1386-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1386-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1386-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1386-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
2SB1386
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
-r
o
t
c
e
ll
o
C
CBO
-30
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
-r
o
t
c
e
ll
o
C
CEO
-20
V
V
e
g
a
tl
o
v
e
s
a
b
-r
e
tt
i
m
E
EBO
-6
V
I
t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
C
-5
A
I
)
e
s
l
u
P
(t
n
e
rr
u
c
r
o
t
c
e
ll
o
C
CP
*
-10
A
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
r
o
t
c
e
ll
o
C
C
0.5
W
0
5
1
j
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
* Single pulse, Pw=10ms
Electrical Characteristics Ta = 25
Parameter
Symbol
Test onditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO IC
V
0
3
-
A
0
5
-
=
Collector-emitter breakdown voltage
BVCEO IC
V
0
2
-
A
m
1
-
=
Emitter-base breakdown voltage
BVEBO IE
V
6
-
A
0
5
-
=
I
t
n
e
rr
u
c
ff
o
t
u
c
r
o
t
c
e
ll
o
C
CBO
VCB
A
5
.
0
-
V
0
2
-
=
I
t
n
e
rr
u
c
ff
o
t
u
c
r
e
tt
i
m
E
EBO
VEB
A
5
.
0
-
V
5
-
=
DC current transfer ratio
VCE(sat) IC=-4A,IB
V
1
-
A
1
.
0
-
=
Collector-emitter saturation voltage
hFE
VCE=-2V, IC
0
9
3
2
8
A
5
.
0
-
=
C
Output capacitance
ob
VCE=-6V, IE=50mA, f=30MHz
120
MHz
f
Transition frequency
T
VCB=-20V, IE
F
p
0
6
z
H
M
1
=
f
,
A
0
=
hFE Classification
Features
Low VCE(sat).
VCE(sat) = -0.35V (Typ.)
(IC/IB = -4A / -0.1A)
Excellent DC current gain
Epitaxial planar type
PNP silicon transistor
PNP Transistors
C
u
u
u
u
0.35
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Type
2SB1386-P
2SB1386-Q
2SB1386-R
Range
82-180
120-270
180-390
Marking
BHP*
BHQ*
BHR*


Similar Part No. - 2SB1386-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1386-R MCC-2SB1386-R Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-R MCC-2SB1386-R Datasheet
430Kb / 4P
PNP Silicon Epitaxial Transistors
logo
DONGGUAN YOU FENG WEI E...
2SB1386-R YFWDIODE-2SB1386-R Datasheet
786Kb / 4P
PNP Transistors
logo
Unisonic Technologies
2SB1386-R-AB3-B-R UTC-2SB1386-R-AB3-B-R Datasheet
200Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
2SB1386-R-AB3-C-R UTC-2SB1386-R-AB3-C-R Datasheet
200Kb / 5P
LOW FREQUENCY PNP TRANSISTOR
More results

Similar Description - 2SB1386-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com