Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815-H Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC1815-H
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC1815-H Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC1815-H Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC1815-H Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
2SC1815
Typlcal Characteristics
0
2
4
6
8
10
0
1
2
3
4
5
0
300
600
900
1200
0.1
1
10
100
0.1
1
10
100
10
100
1000
0.1
1
10
100
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
1
10
100
10
100
0.1
1
10
100
10
100
1000
0.1
1
10
0.1
10
COMMON EMITTER
T
a=25
℃
16uA
14uA
12uA
10uA
8uA
6uA
4uA
I
B=2uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
IC
—— V CE
COMMON EMITTER
V
CE= 6V
V BE
I C
——
BASE-EMMITER VOLTAGE V
BE (mV)
150
IC
fT
——
COMMON EMITTER
V
CE=10V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
β=10
IC
V BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
2000
P C
——
Ta
AMBIENT TEMPERATURE T
a
( )
℃
T
a=100
℃
T
a=25
℃
β=10
IC
V CEsat
——
COLLECTOR CURREMT I
C
(mA)
150
500
150
20
150
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 6V
50
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com