Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3340-F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3340-F
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3340-F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3340-F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3340-F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC3440
■
Features
●
Low collector to emitter saturation voltage.
●
Excellent linearity nof DC forward current gain.
●
Super mini package for easy mounting.
●
High collector current.
●
Complementary to 2SA1365
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
25
Collector - Emitter Voltage
VCEO
20
Emitter - Base Voltage
VEBO
4
Collector Current - Continuous
IC
700
mA
Peak Collector Current
ICM
1
A
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
125
Storage Temperature Range
Tstg
-55 to 125
V
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
25
Collector- emitter breakdown voltage
VCEO
Ic= 100 uA,RBE= ∞
20
Emitter - base breakdown voltage
VEBO
IE= 100 u A, IC= 0
4
Collector-base cut-off current
ICBO
VCB= 25 V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
1
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=25mA
0.2
0.5
Base - emitter saturation voltage
VBE(sat) IC=500 mA, IB=25mA
1.2
DC current gain
hFE
VCE= 4V, IC= 100mA
150
800
Transition frequency
fT
VCE= 6V, IC= 10mA
180
MHz
V
uA
V
■
Classification of hfe
Type
2SC3340-E
2SC3340-F
2SC3340-G
Range
150-300
250-500
400-800
Marking
BE
BF
BG
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01


Similar Part No. - 2SC3340-F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3344 TOSHIBA-2SC3344 Datasheet
264Kb / 3P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS. HIGH SPEED DC-DC CONVERTER APPLICATION.
2SC3345 TOSHIBA-2SC3345 Datasheet
237Kb / 3P
SILICON NPN EPITAXIAL TYPE
logo
Savantic, Inc.
2SC3345 SAVANTIC-2SC3345 Datasheet
148Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3345 ISC-2SC3345 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3345 SAVANTIC-2SC3345 Datasheet
149Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC3340-F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com