Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4672-R
Description  NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4672-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4672-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4672-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
2SC4672
■
Typical Characterisitics
0
1
1
1
.
0
1
10
100
1000
1
1
.
0
0
100
200
300
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
0
25
50
75
100
125
150
0
100
200
300
400
500
600
1
1
.
0
0.0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
0.0
0.2
0.4
0.6
0.8
1.0
1
1
.
0
0.2
0.4
0.6
0.8
1.0
1.2
0.3
3
f=1MHz
I
E=0/IC=0
T
a=25
℃
20
V
CB/ VEB
C
ob/ Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
0.3
0.3
0.3
COMMON EMITTER
V
CE=2V
2
I
C
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(A)
V
BE
I
C
——
COMMON EMITTER
V
CE=2V
2
T
a=100
℃
T
a=25
℃
BASE-EMMITER VOLTAGE V
BE (V)
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
h
FE
——
2
β=20
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(A)
4.0mA
3.6mA
3.2mA
2.8mA
2.4mA
2.0mA
1.6mA
1.2mA
Static Characteristic
0.8mA
I
B=0.4mA
COMMON EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
0.3
2
β=20
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com