Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1060C Datasheet(PDF) 2 Page - NEC

Part # UPC1060C
Description  2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1060C Datasheet(HTML) 2 Page - NEC

  UPC1060C Datasheet HTML 1Page - NEC UPC1060C Datasheet HTML 2Page - NEC UPC1060C Datasheet HTML 3Page - NEC UPC1060C Datasheet HTML 4Page - NEC UPC1060C Datasheet HTML 5Page - NEC UPC1060C Datasheet HTML 6Page - NEC UPC1060C Datasheet HTML 7Page - NEC UPC1060C Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet G14607EJ4V0DS00
2
µµµµ PC1060
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C, unless otherwise specified.)
Parameter
Symbol
Ratings
Unit
Input Voltage
VIN
−0.3 to +40
V
Total Power Dissipation
PT
350
mW
Operating Ambient Temperature
TA
−20 to +70
°C
Storage Temperature
Tstg
−55 to +125
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure
that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
1
GND
OUTPUT
OUTPUT
INPUT
INPUT
CO
CIN
3
2
µ
0.1
F
µ
0.1
F
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input Voltage
VIN
4.5
40
V
Output Current
IO
010
mA
Internal Power Dissipation
PD
270
mW
Operating Ambient Temperature
TA
−20
+70
°C
Caution
The recommended operating range may be exceeded without causing any problems provided that the
absolute maximum ratings are not exceeded. However, if the device is operated in a way that exceeds
the recommended operating conditions, the margin between the actual conditions of use and the
absolute maximum ratings is small, and therefore thorough evaluation is necessary. The
recommended operating conditions do not imply that the device can be used with all values at their
maximum values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com