Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSS130R4 Datasheet(PDF) 3 Page - Intersil Corporation

Part # FSS130R4
Description  11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS130R4 Datasheet(HTML) 3 Page - Intersil Corporation

  FSS130R4 Datasheet HTML 1Page - Intersil Corporation FSS130R4 Datasheet HTML 2Page - Intersil Corporation FSS130R4 Datasheet HTML 3Page - Intersil Corporation FSS130R4 Datasheet HTML 4Page - Intersil Corporation FSS130R4 Datasheet HTML 5Page - Intersil Corporation FSS130R4 Datasheet HTML 6Page - Intersil Corporation FSS130R4 Datasheet HTML 7Page - Intersil Corporation FSS130R4 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3-73
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
VSD
ISD = 11A
0.6
-
1.8
V
Reverse Recovery Time
trr
ISD = 11A, dISD/dt = 100A/µs
-
-
280
ns
Electrical Specifications up to 100K RAD TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Drain to Source Breakdown Volts
(Note 3)
BVDSS
VGS = 0, ID = 1mA
100
-
V
Gate to Source Threshold Volts
(Note 3)
VGS(TH)
VGS = VDS, ID = 1mA
1.5
4.0
V
Gate to Body Leakage
(Notes 2, 3)
IGSS
VGS = ±20V, VDS = 0V
-
100
nA
Zero Gate Leakage
(Note 3)
IDSS
VGS = 0, VDS = 80V
-
25
µA
Drain to Source On-State Volts
(Notes 1, 3)
VDS(ON)
VGS = 12V, ID = 11A
-
2.43
V
Drain to Source On Resistance
(Notes 1, 3)
rDS(ON)12
VGS = 12V, ID = 7A
-
0.210
Ω
NOTES:
1. Pulse test, 300
µs Max.
2. Absolute value.
3. Insitu Gamma bias must be sampled for both VGS = 12V, VDS = 0V and VGS = 0V, VDS = 80% BVDSS.
Single Event Effects (SEB, SEGR) (Note 4)
TEST
SYMBOL
ENVIRONMENT (NOTE 5)
APPLIED
VGS BIAS
(V)
(NOTE 6)
MAXIMUM
VDS BIAS
(V)
ION
SPECIES
TYPICAL LET
(MeV/mg/cm)
TYPICAL
RANGE (
µ)
Single Event Effects Safe Operating
Area
SEESOA
Ni
26
43
-20
100
Br
37
36
-10
100
Br
37
36
-15
80
Br
37
36
-20
50
NOTES:
4. Testing conducted at Brookhaven National Labs; sponsored by Naval Surface Warfare Center (NSWC), Crane, IN.
5. Fluence = 1E5 ions/cm2 (typical), T = 25oC.
6. Does not exhibit Single Event Burnout (SEB) or Single Event Gate Rupture (SEGR).
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. SINGLE EVENT EFFECTS SAFE OPERATING AREA
FIGURE 2. DRAIN INDUCTANCE REQUIRED TO LIMIT
GAMMA DOT CURRENT TO IAS
120
100
80
60
40
20
0
0
-10
-15
-20
-25
-5
LET = 37MeV/mg/cm2, RANGE = 36
µ
FLUENCE = 1E5 IONS/cm2 (TYPICAL)
TEMP = 25oC
LET = 26MeV/mg/cm2, RANGE = 43
µ
VGS (V)
300
100
10
DRAIN SUPPLY (V)
1000
ILM = 10A
300A
1E-4
1E-5
1E-6
30
100A
30A
1E-7
1E-3
FSS130D, FSS130R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com