Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTJ9055D Datasheet(PDF) 1 Page - Intersil Corporation

Part # FSTJ9055D
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSTJ9055D Datasheet(HTML) 1 Page - Intersil Corporation

  FSTJ9055D Datasheet HTML 1Page - Intersil Corporation FSTJ9055D Datasheet HTML 2Page - Intersil Corporation FSTJ9055D Datasheet HTML 3Page - Intersil Corporation FSTJ9055D Datasheet HTML 4Page - Intersil Corporation FSTJ9055D Datasheet HTML 5Page - Intersil Corporation FSTJ9055D Datasheet HTML 6Page - Intersil Corporation FSTJ9055D Datasheet HTML 7Page - Intersil Corporation FSTJ9055D Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TM
File Number
4756.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
FSTJ9055D, FSTJ9055R
Radiation Hardened, SEGR Resistant
P-Channel Power MOSFETs
The Discrete Products Operation of Intersil has developed a
series of Radiation Hardened MOSFETs specifically
designed for commercial and military space applications.
Immunity to Single Event Effects (SEE) is combined with
100K RADs of total dose hardness to provide devices which
are ideally suited to harsh space environments. The dose
rate and neutron tolerance necessary for military
applications have not been sacrificed.
The Intersil portfolio of SEGR resistant radiation hardened
MOSFETs includes N-Channel and P-Channel devices in a
variety of voltage, current and on-resistance ratings.
Numerous packaging options are also available.
This MOSFET is an enhancement-mode silicon-gate power
field-effect transistor of the vertical DMOS (VDMOS)
structure. It is specially designed and processed to be
radiation tolerant. The MOSFET is well suited for
applications exposed to radiation environments such as
switching regulation, switching converters, motor drives,
relay drivers and drivers for high-power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
Reliability screening is available as either commercial, TXV
equivalent of MIL-S-19500, or Space equivalent of
MIL-S-19500. Contact Intersil for any desired deviations
from the data sheet.
Formerly available as type TA17750T.
Features
• 62A, -60V, rDS(ON) = 0.023Ω
• Total Dose
- Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
- Safe Operating Area Curve for Single Event Effects
- SEE Immunity for LET of 36MeV/mg/cm2 with
VDS up to 80% of Rated Breakdown and
VGS of 10V Off-Bias
• Dose Rate
- Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
- Typically Survives 2E12 if Current Limited to IDM
• Photo Current
- 6nA Per-RAD(Si)/s Typically
• Neutron
- Maintain Pre-RAD Specifications for 3E13
Neutrons/cm2
- Usable to 3E14 Neutrons/cm2
Symbol
Packaging
TO-254AA
Ordering Information
RAD LEVEL
SCREENING LEVEL
PART NUMBER/BRAND
10K
Commercial
FSTJ9055D1
10K
TXV
FSTJ9055D3
100K
Commercial
FSTJ9055R1
100K
TXV
FSTJ9055R3
100K
Space
FSTJ9055R4
G
D
S
CAUTION: Beryllia Warning per MIL-S-19500
refer to package specifications.
Data Sheet
June 2000


Similar Part No. - FSTJ9055D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST SCHURTER-FST Datasheet
75Kb / 2P
Miniature Fuses Type FST 6,332 time-lag T
logo
Ohmite Mfg. Co.
FST OHMITE-FST Datasheet
246Kb / 1P
Thin Film Temperature Sensor
logo
Vishay Siliconix
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
logo
Gamewell-FCI by Honeywe...
FST-10 GAMEWELL-FCI-FST-10 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
FST-2 GAMEWELL-FCI-FST-2 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
More results

Similar Description - FSTJ9055D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSL214D INTERSIL-FSL214D Datasheet
57Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
October 1998
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9160D INTERSIL-FSYC9160D Datasheet
61Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE923A0D INTERSIL-FSYE923A0D Datasheet
70Kb / 8P
Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com